Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1245 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1245 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1245 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-11
0xBA
MAXD2
Hword Max DMA2 length register (typically 1520 decimal). Lets the user prevent system bus
writes after a frame exceeds a specified size. The value of MAXD2 is valid in
promiscuous mode when no address match is detected. If the Ethernet controller
detects an incoming Ethernet frame larger than the value in MAXD2, the rest of the
frame is discarded. The Ethernet controller waits for the end of the frame (or until
MFLR bytes are received) and reports frame status and length (including the
discarded bytes) in the last RxBD. In a monitor station, MAXD2 can be much less than
MAXD1 to receive entire frames addressed to this station, but receive only the
headers of all other frames.This value must be less than MAXD1.
0xBC
MAXD
Hword Rx maximum DMA. Internal usage
0xBE
DMA_CNT
Hword Rx DMA counter. Temporary down-counter used to track the frame length.
0xC0
OCTC 2
Word
(RMON mode only) The total number of octets of data (including those in bad packets)
received on the network (excluding framing bits but including FCS octets).
0xC4
COLC 2
Word
(RMON mode only) The best estimate of the total number of collisions on this Ethernet
segment.
0xC8
BROC 2
Word
(RMON mode only) The total number of good packets received that were directed to
the broadcast address. Note that this does not include multicast packets.
0xCC
MULC 2
Word
(RMON mode only) The total number of good packets received that were directed to
a multicast address. Note that this number does not include packets directed to the
broadcast address.
0xD0
USPC 2
Word
(RMON mode only) The total number of packets received that were less than 64 octets
(excluding framing bits but including FCS octets) and were otherwise well-formed.
0xD4
FRGC 2
Word
(RMON mode only) The total number of packets received that were less than 64 octets
long (excluding framing bits but including FCS octets) and had either a bad FCS with
an integral number of octets (FCS error) or a bad FCS with a non-integral number of
octets (alignment error). Note that it is entirely normal for etherStatsFragments to
increment because it counts both runts (which are normal occurrences due to
collisions) and noise hits.
0xD8
OSPC 2
Word
(RMON mode only) The total number of packets received that were longer than 1518
octets (excluding framing bits but including FCS octets) and were otherwise
well-formed.
0xDC
JBRC 2
Word
(RMON mode only) The total number of packets received that were longer than 1518
octets (excluding framing bits but including FCS octets), and had either a bad FCS
with an integral number of octets (FCS error) or a bad FCS with a non-integral number
of octets (alignment error). Note that this definition of jabber is different than the
definition in IEEE-802.3 section 8.2.1.5 (10BASE5) and section 10.3.1.4 (10BASE2).
These documents define jabber as the condition where any packet exceeds 20 ms.
The allowed range to detect jabber is between 20 ms and 150 ms.
0xE0
P64C 2
Word
(RMON mode only) The total number of packets (including bad packets) received that
were 64 octets long (excluding framing bits but including FCS octets).
0xE4
P65C 2
Word
(RMON mode only) The total number of packets (including bad packets) received that
were between 65 and 127 octets long inclusive (excluding framing bits but including
FCS octets).
Table 36-2. Ethernet-Specific Parameter RAM (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com