Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1246 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1246 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1246 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-12
Freescale Semiconductor
36.9
Programming Model
The core configures an FCC to operate as an Ethernet controller using GFMR[MODE]. The receive errors
(collision, overrun, nonoctet-aligned frame, short frame, frame too long, and CRC error) are reported
through the RxBD. The transmit errors (underrun, heartbeat, late collision, retransmission limit, and carrier
sense lost) are reported through the TxBD.
The user should program the FDSR as described in Section 30.4, “FCC Data Synchronization Registers
(FDSRx),” with FDSR[SYN2] = 0xD5 and FDSR[SYN1] = 0x55.
36.10 Ethernet Command Set
The transmit and receive commands are issued to the CPCR; see Section 14.4, “Command Set.”
NOTE
Before resetting the CPM, configure TX_EN (RTS) to be an input.
Transmit commands that apply to Ethernet are described in Table 36-3.
0xE8
P128C 2
Word
(RMON mode only) The total number of packets (including bad packets) received that
were between 128 and 255 octets long inclusive (excluding framing bits but including
FCS octets).
0xEC
P256C 2
Word
(RMON mode only) The total number of packets (including bad packets) received that
were between 256 and 511 octets long inclusive (excluding framing bits but including
FCS octets).
0xF0
P512C 2
Word
(RMON mode only) The total number of packets (including bad packets) received that
were between 512 and 1023 octets long inclusive (excluding framing bits but including
FCS octets).
0xF4
P1024C 2
Word
(RMON mode only) The total number of packets (including bad packets) received that
were between 1024 and 1518 octets long inclusive (excluding framing bits but
including FCS octets).
0xF8
CAM_BUF
Word
Internal buffer for CAM result
0xFC
—
Word
Reserved, should be cleared.
0xFF
—
Byte
10 Mbps Poll Delay
100 Mbps = 0x0
10 Mbps = 0x0B (up to 100 Mhz CPM)
= 0x18 (up to 200 Mhz CPM)
= 0x32 (up to 333 Mhz CPM)
1 Offset from FCC base: 0x8400 (FCC1), 0x8500 (FCC2) and 0x8600 (FCC3); see Section 14.5.2, “Parameter RAM.”
2 32-bit (modulo 232) counters maintained by the CP; cleared by the user while the channel is disabled.
Table 36-2. Ethernet-Specific Parameter RAM (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com