Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1244 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1244 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1248Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1244 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-10
Freescale Semiconductor
0x72
PADDR1_H
Hword The 48-bit individual address of this station. PADDR1_L is the lowest order half-word,
and PADDR1_H is the highest order half-word.
0x74
PADDR1_M
Hword
0x76
PADDR1_L
Hword
0x78
IBD_CNT
Hword Internal BD counter
0x7A
IBD_START
Hword Internal BD start pointer
0x7C
IBD_END
Hword Internal BD end pointer
0x7E
TX_LEN
Hword Tx frame length counter
0x80
IBD_BASE
32
Bytes
Internal microcode usage
0xA0
IADDR_H
Word
Individual address filter high/low. Used in the hash table function of the individual
addressing mode. The user can write zeros to these values after reset and before the
Ethernet channel is enabled to disable all individual hash address recognition
functions. Issuing a SET GROUP ADDRESS command enables the hash table. See
Section 36.13, “Hash Table Algorithm.”
0xA4
IADDR_L
Word
0xA8
MINFLR
Hword Minimum frame length register (typically 64 decimal). If the Ethernet receiver detects
an incoming frame shorter than MINFLR, it discards that frame unless FPSMR[RSH]
(receive short frames) is set, in which case RxBD[SH] (frame too short) is set in the
last RxBD. The Ethernet transmitter pads frames that are too short (according to
TxBD[PAD] and the PAD value in the parameter RAM). PADs are added to make the
transmit frame MINFLR bytes.
0xAA
TADDR_H
Hword Allows addition of addresses to the individual and group hashing tables. After an
address is placed in TADDR, issue a SET GROUP ADDRESS command. TADDR_L is the
lowest-order half-word; TADDR_H is the highest.
A zero in the I/G bit indicates an individual address; 1 indicates a group address.
0xAC
TADDR_M
Hword
0xAE
TADDR_L
Hword
0xB0
PAD_PTR
Hword Internal PAD pointer. This internal 32-byte aligned pointer points to a 32-byte buffer
filled with pad characters. The pads may be any value, but all the bytes should be the
same to assure padding with a specific character. If a specific padding character is not
needed, PAD_PTR should equal the internal temporary data pointer TIPTR; see
Section 30.7, “FCC Parameter RAM.”
0xB2
—
Hword Reserved, should be cleared.
0xB4
CF_RANGE
Hword Control frame range. Internal usage
0xB6
MAX_B
Hword Maximum BD byte count. Internal usage
0xB8
MAXD1
Hword Max DMA1 length register (typically 1520 decimal). Lets the user prevent system bus
writes after a frame exceeds a specified size. The MAXD1 value is valid only if an
address match is detected. If the Ethernet controller detects an incoming Ethernet
frame larger than the user-defined value in MAXD1, the rest of the frame is discarded.
The Ethernet controller waits for the end of the frame (or until MFLR bytes have been
received) and reports the frame status and length (including the discarded bytes) in
the last RxBD. This value must be greater than 32.
Table 36-2. Ethernet-Specific Parameter RAM (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com