Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1247 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1247 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1247 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-13
Receive commands that apply to Ethernet are described in Table 36-4.
If an address from the hash table must be deleted, the Ethernet channel must be disabled, the hash table
registers must be cleared, and the SET GROUP ADDRESS command must be executed for the remaining
preferred addresses. This is required because the hash table might have mapped multiple addresses to the
same hash table bit.
Table 36-3. Transmit Commands
Command
Description
STOP
TRANSMIT
When used with the Ethernet controller, this command violates a specific behavior of an Ethernet/IEEE
802.3 station. It should not be used.
GRACEFUL
STOP
TRANSMIT
Used to smoothly stop transmission after the current frame finishes sending or undergoes a collision
(immediately if there is no frame being sent). FCCE[GRA] is set once transmission stops. Then the
Ethernet transmit parameters (including BDs) can be modified by the user. The TBPTR points to the
next TxBD in the table. Transmission begins when the R bit of the next BD is set and the RESTART
TRANSMIT
command is issued. Note that if the GRACEFUL STOP TRANSMIT command is issued and the
current transmit frame ends in a collision, the TBPTR points to the beginning of the collided frame with
TxBD[R] still set (the frame looks as if it was never sent).
RESTART
TRANSMIT
Enables transmission of characters on the transmit channel. It is expected by the Ethernet controller
after a GRACEFUL STOP TRANSMIT command or transmitter error (underrun, retransmission limit reached,
or late collision). The Ethernet controller resumes transmission from the current TBPTR in the channel
TxBD table.
INIT TX
PARAMETERS
Initializes all the transmit parameters in this serial channel parameter RAM to their reset state. This
command should be issued only when the transmitter is disabled. Note that the INIT TX AND RX
PARAMETERS
command can also be used to reset the transmit and receive parameters.
Table 36-4. Receive Commands
Command
Description
ENTER HUNT
MODE
After the hardware or software is reset and the channel in the FCC mode register is enabled, the
channel is in the receive enable mode and uses the first BD in the table. This command is generally
used to force the Ethernet receiver to abort reception of the current frame and enter hunt mode. In hunt
mode, the Ethernet controller continually scans the input data stream for a transition of carrier sense
from inactive to active followed by a preamble sequence and the start frame delimiter. After receiving
the command, the current receive buffer is closed, the error status flags and length field are cleared,
RxBD[E] (the empty bit) is set, and the CRC calculation is reset. Further frame reception uses the
current RxBD.
Note that short frames pending in the internal FIFO may be lost.
INIT RX
PARAMETERS
Initializes all the receive parameters in this serial channel parameter RAM to their reset state and
should only be issued when the receiver is disabled. Note that the INIT TX AND RX PARAMETERS
command can also be used to reset the receive and transmit parameters.
SET GROUP
ADDRESS
Used to set one of the 64 bits of the four individual/group address hash filter registers (GADDR[1–4]
or IADDR[1–4]). The individual or group address (48 bits) to be added to the hash table should be
written to TADDR_L, TADDR_M, and TADDR_H in the parameter RAM prior to executing this
command. The CP checks the I/G bit in the address stored in TADDR to determine whether to use the
individual hash table or the group hash table. A 0 in the I/G bit indicates an individual address; 1
indicates a group address. This command can be executed at any time, regardless of whether the
Ethernet channel is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com