Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1243 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1243 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1247Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1243 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-9
Table 36-2. Ethernet-Specific Parameter RAM
Offset1
Name
Width
Description
0x3C
STAT_BUF
Word
Buffer of internal usage
0x40
CAM_PTR
Word
CAM address. For FCC Fast Ethernet operation the CAM should be located on the
same bus as the data buffers.
0x44
C_MASK
Word
Constant MASK for CRC (initialize to 0xDEBB_20E3). For the 32-bit CRC-CCITT.
0x48
C_PRES
Word
Preset CRC (initialize to 0xFFFF_FFFF). For the 32-bit CRC-CCITT.
0x4C
CRCEC2
Word
CRC error counter. Counts each received frame with a CRC error. Does not count
frames not addressed to the station, frames received in the out-of-buffers condition,
frames with overrun errors, or frames with alignment errors.
0x50
ALEC 2
Word
Alignment error counter. Counts frames received with dribbling bits. Does not count
frames not addressed to the station, frames received in the out-of-buffers condition, or
frames with overrun errors.
0x54
DISFC 2
Word
Discard frame counter. Incremented for discarded frames because of an out-of-buffers
condition or overrun error. The CRC need not be correct for this counter to be
incremented.
0x58
RET_LIM
Hword Retry limit (typically 15 decimal). Number of retries that should be made to send a
frame. If the frame is not sent after this limit is reached, an interrupt can be generated.
0x5A
RET_CNT
Hword Retry limit counter. Temporary decrementer used to count retries made.
0x5C
P_PER
Hword Persistence. Allows the Ethernet controller to be less persistent after a collision.
Normally cleared, P_PER can be from 0 to 9 (9 = least persistent). The value is added
to the retry count in the backoff algorithm to reduce the chance of transmission on the
next time-slot. Using a less persistent backoff algorithm increases throughput in a
congested Ethernet LAN by reducing the chance of collisions. FPSMR[SBT] can also
reduce persistence of the Ethernet controller. The Ethernet/802.3 specifications
permit the use of P_PER.
0x5E
BOFF_CNT
Hword Backoff counter
0x60
GADDR_H
Word
Group address filters high and low are used in the hash table function of the group
addressing mode. The user may write zeros to these values after reset and before the
Ethernet channel is enabled to disable all group hash address recognition functions.
The SET GROUP ADDRESS command is used to enable the hash table. See
Section 36.13, “Hash Table Algorithm.”
0x64
GADDR_L
Word
0x68
TFCSTAT
Hword Out-of-sequence TxBD. Includes the status/control, data length, and buffer pointer
fields in the same format as a regular TxBD. Useful for sending flow control frames.
This area’s TxBD[R] is always checked between frames, regardless of FPSMR
x[FCE].
If it is not ready, a regular frame is sent. The user must set TxBD[L] when preparing
this BD. If TxBD[I] is set, a TXC event is generated after frame transmission. This area
should be cleared when not in use.
0x6A
TFCLEN
Hword
0x6C
TFCPTR
Word
0x70
MFLR
Hword Maximum frame length register (typically1518 decimal). If the Ethernet controller
detects an incoming frame exceeding MFLR, it sets RxBD[LG] (frame too long) in the
last RxBD, but does not discard the rest of the frame. The controller also reports the
frame status and length of the received frame in the last RxBD. MFLR includes all
in-frame bytes between the start frame delimiter and the end of the frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com