Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1240 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1240 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1240 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-6
Freescale Semiconductor
There is one internal buffer for out-of-sequence flow control frames (in full-duplex Fast Ethernet). When
the Fast Ethernet controller is between frames, this buffer is polled if flow control is enabled. This buffer
must contain the whole frame.
However, in half-duplex mode, the controller defers transmission if the line is busy (CRS asserted). Before
transmitting, the controller waits for carrier sense to become inactive, at which point the controller
determines if CRS remains negated for 16 serial clocks. If so, the transmission begins after an additional
8 serial clocks (96 bit-times after CRS originally became negated). In the fast ethernet transmitter, if CRS
is asserted and then negated within 10 clocks after TXEN is negated, the next frame is not deferred and a
defer indication is asserted.
If a collision occurs during the transmit frame, the Ethernet controller follows a specified backoff
procedure and tries to retransmit the frame until the retry limit is reached. The Ethernet controller stores
at least the first 64 bytes of data of the transmit frame in the FCC FIFO, so that the data does not have to
be retrieved from system memory in case of a collision. This improves bus usage and latency if the backoff
timer output requires an immediate retransmission.
When the end of the current buffer is reached and TxBD[L] = 1, the FCS (32-bit CRC) bytes are appended
(if TxBD[TC] = 1), and TX_EN is negated. This notifies the PHY of the need to generate the illegal
Manchester encoding that signifies the end of an Ethernet frame. Following the transmission of the FCS,
the Ethernet controller writes the frame status bits into the BD and clears TxBD[R]. When the end of the
current buffer is reached and TxBD[L] = 0 (a frame is comprised of multiple buffers), only TxBD[R] is
cleared.
For both half- and full-duplex modes, an interrupt can be issued depending on TxBD[I]. The Ethernet
controller then proceeds to the next TxBD in the table. In this way, the core can be interrupted after each
frame, after each buffer, or after a specific buffer is sent. If TxBD[PAD] = 1, the Ethernet controller pads
short frames to the value of the minimum frame length register (MINFLR), described in Table 36-2.
To rearrange the transmit queue before the CP finishes sending all frames, issue a GRACEFUL STOP
TRANSMIT
command. This can be useful for transmitting expedited data ahead of previously linked buffers
or for error situations. When the GRACEFUL STOP TRANSMIT command is issued, the Ethernet controller
stops immediately if no transmission is in progress or continues transmission until the current frame either
finishes or terminates with a collision. When the Ethernet controller is given the RESTART TRANSMIT
command, it resumes transmission. The Ethernet controller sends bytes least-significant nibble first.
36.5
Ethernet Channel Frame Reception
The Ethernet receiver is designed to work with almost no core intervention and can perform address
recognition, CRC checking, short frame checking, maximum DMA transfer checking, and maximum
frame-length checking.
When the core enables the Ethernet receiver, it enters hunt mode when RX_DV is asserted as long as COL
remains negated (full-duplex mode ignores COL). In hunt mode, as data is shifted into the receive shift
register four bits at a time, the contents of the register are compared to the contents of the SYN2 field in
the FCC’s data synchronization register (FDSR). When the registers match, the hunt mode is terminated
and character assembly begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com