Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1248 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1248 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1248 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-14
Freescale Semiconductor
36.11 RMON Support
The Fast Ethernet controller can automatically gather network statistics required for RMON without the
need to receive all addresses using promiscuous mode. Setting FPSMRx[MON] enables RMON support.
The RMON statistics and their corresponding counters in the parameter RAM are described in Table 36-5.
Table 36-5. RMON Statistics and Counters
Statistic
Description
Counter
etherStatsDropEvents
The total number of events in which packets were detected as
dropped by the probe due to lack of resources. Note that this may
not be the number of packets dropped; it is the number of times this
condition is detected.
DISFC
etherStatsOctets
The total number of octets of data (including those in bad packets)
received on the network (excluding framing bits but including FCS
octets).
OCTC
etherStatsPkts
The total number of packets (including bad packets, broadcast
packets, and multicast packets) received.
USPC +
OSPC +
FRGC +
JBRC +
P64C +
P65C +
P128C +
P256C +
P512C +
P1024C
etherStatsBroadcastPkts
The total number of good packets received that were directed to the
broadcast address. Note that this does not include multicast
packets.
BROC
etherStatsMulticastPkts
The total number of good packets received that were directed to a
multicast address. Note that this number does not include packets
directed to the broadcast address.
MULC
etherStatsCRCAlignErrors
The total number of packets received that had a length (excluding
framing bits but including FCS octets) of between 64 and 1518
octets, inclusive, but had either an integral number of octets (FCS
error) or a bad FCS with a non-integral number of octets (alignment
error).
CRCEC +
ALEC
-FRGC
-JBRC
etherStatsUndersizePkts
The total number of packets received that were less than 64 octets
long (excluding framing bits but including FCS octets) and were
otherwise well-formed.
USPC
etherStatsOversizePkts
The total number of packets received that were longer than 1518
octets (excluding framing bits but including FCS octets) and were
otherwise well-formed.
OSPC
etherStatsFragments
The total number of packets received that were less than 64 octets
long (excluding framing bits but including FCS octets) and had
either a bad FCS with an integral number of octets (FCS error) or a
bad FCS with a non-integral number of octets (alignment error).
Note that it is entirely normal for etherStatsFragments to increment,
because it counts both runts (which are normal occurrences due to
collisions) and noise hits.
FRGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com