Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1249 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1249 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1246Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1253Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1249 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-15
36.12 Ethernet Address Recognition
The Ethernet controller can filter the received frames based on different addressing types—physical
(individual), group (multicast), broadcast (all-ones group address), and promiscuous. The difference
between an individual address and a group address is determined by the I/G bit in the destination address
field.
Figure 36-5 is a flowchart for address recognition on received frames.
etherStatsJabbers
The total number of packets received that were longer than 1518
octets (excluding framing bits but including FCS octets) and had
either a bad FCS with an integral number of octets (FCS error) or a
bad FCS with a non-integral number of octets (alignment error).
Note that this definition of jabber is different than the definition in
IEEE-802.3 Section 8.2.1.5 (10BASE5) and Section 10.3.1.4
(10BASE2). These documents define jabber as the condition where
any packet exceeds 20 ms. The allowed range to detect jabber is
between 20 ms and 150 ms.
JBRC
etherStatsCollisions
The best estimate of the total number of collisions on this Ethernet
segment.
COLC
etherStatsPkts64Octets
The total number of packets (including bad packets) received that
were 64 octets long (excluding framing bits but including FCS
octets).
P64C
etherStatsPkts65to127Octets
The total number of packets (including bad packets) received that
were between 65 and 127 octets long inclusive (excluding framing
bits but including FCS octets).
P65C
etherStatsPkts128to255Octets
The total number of packets (including bad packets) received that
were between 128 and 255 octets long inclusive (excluding framing
bits but including FCS octets).
P128C
etherStatsPkts256to511Octets
The total number of packets (including bad packets) received that
were between 256 and 511 octets long inclusive (excluding framing
bits but including FCS octets).
P256C
etherStatsPkts512to1023Octets
The total number of packets (including bad packets) received that
were between 512 and 1023 octets long inclusive (excluding
framing bits but including FCS octets).
P512C
etherStatsPkts1024to1518Octets
The total number of packets (including bad packets) received that
were between 1024 and 1518 octets long inclusive (excluding
framing bits but including FCS octets).
P1024C
Table 36-5. RMON Statistics and Counters (continued)
Statistic
Description
Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com