Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1253 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1253 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1250Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1253Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1254Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1253 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-19
Reception errors are described in Table 36-7.
36.18 Fast Ethernet Registers
The following sections describe registers used for configuring and operating the Fast Ethernet controller.
36.18.1 FCC Ethernet Mode Registers (FPSMR
x)
The MPC2880 supports 10/100 Mbps Ethernet through a RMII interface (according to RMII Specification
March 20, 1998). The RMII use a single reference clock (50 MHz) and seven pins which are a proper
subset of the MII interface pins. Ethernet features are unchanged in RMII mode. To select RMII-PHY
interface, a mode bit in the Ethernet mode register (FPSMR) has been added, as shown in Figure 36-6.
Table 36-6. Transmission Errors
Error
Response
Transmitter
underrun
The controller sends 32 bits that ensure a CRC error, terminates buffer transmission, closes the
buffer, sets TxBD[UN] and FCCE[TXE]. The controller resumes transmission after receiving the
RESTART TRANSMIT
command.
Carrier sense
lost during frame
transmission
If no collision is detected in the frame, the controller sets TxBD[CSL] and FCCE[TXE], and it
continues the buffer transmission normally. No retries are performed as a result of this error.
Retransmission
attempts limit
expired
The controller terminates buffer transmission, closes the buffer, sets TxBD[RL] and FCCE[TXE].
Transmission resumes after receiving the RESTART TRANSMIT command.
Late collision
The controller terminates buffer transmission, closes the buffer, sets TxBD[LC] and FCCE[TXE].
The controller resumes transmission after receiving the RESTART TRANSMIT command. Note that late
collision parameters are defined in FPSMR[LCW].
Table 36-7. Reception Errors
Error
Description
Overrun error
The Ethernet controller maintains an internal FIFO buffer for receiving data. If a receiver FIFO buffer
overrun occurs, the controller writes the received data byte to the internal FIFO buffer over the
previously received byte. The previous data byte and frame status are lost. The controller closes the
buffer, sets RxBD[OV] and FCCE[RXF], and increments the discarded frame counter (DISFC). The
receiver then enters hunt mode.
Busy error
A frame is received and discarded due to a lack of buffers. The controller sets FCCE[BSY] and
increments the discarded frame counter (DISFC).
Non-octet error
(dribbling bits)
The Ethernet controller handles a nibble of dribbling bits when the receive frame terminates as
nonoctet aligned and it checks the CRC of the frame on the last octet boundary. If there is a CRC
error, the frame nonoctet aligned (RxBD[NO]) error is reported, FCCE[RXF] is set, and the
alignment error counter (ALEC) in the parameter RAM is incremented. If there is no CRC error, no
error is reported.
CRC error
When a CRC error occurs, the controller closes the buffer, and sets RxBD[CR] and FCCE[RXF].
Also, the CRC error counter (CRCEC) in the parameter RAM is incremented. After receiving a frame
with a CRC error, the receiver enters hunt mode. CRC checking cannot be disabled, but the CRC
error can be ignored if checking is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com