Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1255 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1255 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1251Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1253Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1254Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1255 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-21
36.18.2 Ethernet Event Register (FCCE)/Mask Register (FCCM)
The FCCE, shown in Figure 36-7, is used as the Ethernet event register when the FCC functions as an
Ethernet controller. It generates interrupts and reports events recognized by the Ethernet channel. On
recognition of an event, the Ethernet controller sets the corresponding FCCE bit. Interrupts generated by
this register can be masked in the Ethernet mask register (FCCM).
The FCCM has the same bit format as FCCE. Setting an FCCM bit enables and clearing a bit masks the
corresponding interrupt in the FCCE.
The FCCE can be read at any time. Bits are cleared by writing ones; writing zeros does not affect bit values.
Unmasked FCCE bits must be cleared before the CP clears the internal interrupt request.
7–8
—
Reserved, should be zero
9
PRO
Promiscuous
0 Check the destination address of incoming frames.
1 Receive the frame regardless of its address. A CAM can be used for address filtering when
FSMR[CAM] is set.
10
FCE
Flow control enable
0 Flow control is not enabled
1 Flow control is enabled
11
RSH
Receive short frames
0 Discard short frames (frames smaller than the value specified in MINFLR).
1 Receive short frames.
12–13
—
Reserved, should be zero.
14
RMII
RMII interface mode
0 MII interface
1 RMII interface. RMII to/from MII conversion logic is enabled.
15–20
—
Reserved, should be zero.
21
CAM
CAM address matching
0 Normal operation.
1 Use the CAM for address matching; CAM result (16 bits) is added at the end of the frame.
22
BRO
Broadcast address
0 Receive all frames containing the broadcast address.
1 Reject all frames containing the broadcast address unless FSMR[PRO] = 1.
23
—
Reserved, should be zero
24–25
CRC
CRC selection
0x Reserved.
10 32-bit CCITT-CRC (Ethernet). X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 +
X5 + X4 + X2 + X1 +1. Select this to comply with Ethernet specifications.
11 Reserved.
26–31
—
Reserved, should be zero
Table 36-8. FPSMR Ethernet Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com