Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1256 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1256 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1252Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1253Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1254Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1256 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-22
Freescale Semiconductor
Table 36-9 describes FCCE/FCCM fields.
Figure 36-7. Ethernet Event Register (FCCE)/Mask Register (FCCM)
0
7
8
9
10
11
12
13
14
15
Field
—
GRA RXC
TXC
TXE
RXF
BSY
TXB
RXB
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11310 (FCCE1), 0x11330 (FCCE2), 0x11350 (FCCE3)/
0x11314 (FCCM1), 0x11334 (FCCM2), 0x11354 (FCCM3)
16
31
Field
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11312 (FCCE1), 0x11332 (FCCE2), 0x11352 (FCCE3)/
0x11316 (FCCM1), 0x11336 (FCCM2), 0x11356 (FCCM3)
Table 36-9. FCCE/FCCM Field Descriptions
Bits
Name
Description
0–7
—
Reserved, should be cleared.
8
GRA
Graceful stop complete. A graceful stop, initiated by the GRACEFUL STOP TRANSMIT command, is
complete. When the command is issued, GRA is set as soon the transmitter finishes sending a
frame in progress. If no frame is in progress, GRA is set immediately.
9
RXC
RX control. A control frame has been received (FSMR[FCE] must be set). As soon as the transmitter
finishes sending the current frame, a pause operation is performed.
10
TXC
TX control. An out-of-sequence frame was sent.
11
TXE
Tx error. An error occurred on the transmitter channel. This event is not maskable via the TxBD[I] bit
12
RXF
Rx frame. Set when a complete frame is received on the Ethernet channel. This event is not
maskable via the RxBD[I] bit.
13
BSY
Busy condition. Set when a frame is received and discarded due to a lack of buffers.
14
TXB
Tx buffer. Set when a buffer has been sent on the Ethernet channel.
15
RXB
Rx buffer. A buffer that was not a complete frame is received on the Ethernet channel.
16–31
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com