Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1259 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1259 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1255Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1256Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1259 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-25
Data length is the number of octets the CP writes into this BD data buffer. It is written by the CP as the
buffer is closed. When this BD is the last BD in the frame (RxBD[L] = 1), the data length contains the total
number of frame octets (including four bytes for CRC). Note that at least as much memory should be
allocated for each receive buffer as the size specified in MRBLR. MRBLR should be divisible by 32 and
not less than 64.
The receive buffer pointer, which points to the first location of the associated data buffer, can reside in
external memory. This value must be divisible by 16.
When a received frame’s data length is an exact multiple of MRBLR, the last BD contains only the status
and total frame length.
NOTE
At least two BDs must be prepared before beginning reception.
8
BC
Broadcast address. Valid only for the last buffer in a frame (RxBD[L] = 1). The received frame
address is the broadcast address.
9
MC
Multicast address. Valid only for the last buffer in a frame (RxBD[L] = 1). The received frame address
is a multicast address other than a broadcast address.
10
LG
Rx frame length violation. A frame length greater than the MFLR (maximum frame length) defined
for this FCC is recognized.
11
NO
Rx nonoctet aligned frame. A frame that contained a number of bits not divisible by eight is received
and the CRC check at the preceding byte boundary generated an error.
12
SH
Short frame. A frame length less than the MINFLR (minimum frame length) defined for this channel
is recognized. This indication is possible only if the FPSMR[RSH] = 1.
13
CR
Rx CRC error. This frame contains a CRC error.
14
OV
Overrun. A receiver overrun occurred during frame reception.
15
CL
Collision. This frame is closed because a collision occurred during frame reception. Set only if a late
collision occurs or if FPSMR[RSH] is set. The late collision definition is determined by the setting of
FPSMR[LCW].
Table 36-10. RxBD Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com