Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1262 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1262 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1262 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-28
Freescale Semiconductor
Data length is the number of octets the Ethernet controller should transmit from this BD data buffer. This
value should be greater than zero. The CP never modifies the data length in a TxBD.
Tx data buffer pointer, which contains the address of the associated data buffer, can be even or odd. The
buffer can reside in external memory. The CP never modifies the buffer pointer.
9
RL
Retransmission limit. The transmitter failed (RET_LIM + 1) attempts to successfully send a message
due to repeated collisions. The Ethernet controller updates RL after sending the buffer.
10–13
RC
Retry count. Indicates the number of retries required for this frame to be successfully sent. If RC =
0, the frame is sent correctly the first time. If RC = 15 and RET_LIM = 15 in the parameter RAM, 15
retries were needed. If RC = 15 and RET_LIM > 15, 15 or more retries were needed. The Ethernet
controller updates RC after sending the buffer.
14
UN
Underrun. The Ethernet controller encountered a transmitter underrun condition while sending the
associated buffer. The Ethernet controller updates UN after sending the buffer.
15
CSL
Carrier sense lost. Carrier sense is lost during frame transmission. The Ethernet controller updates
CSL after sending the buffer.
Table 36-11. Ethernet TxBD Field Definitions (continued)
Field
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com