Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1261 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1261 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1257Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1258Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1259Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1265Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1261 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-27
indicate errors so the core knows when buffers have been serviced. Figure 36-11 shows the FCC Ethernet
TxBD format.
Table 36-11 describes Ethernet TxBD fields.
0123
456
789
10
11
12
13
14
15
Offset + 0
RPAD
W
I
L
TC
DEF
HB
LC
RL
RC
UN
CSL
Offset + 2
Data length
Offset + 4
Tx data Buffer Pointer
Offset + 6
Figure 36-11. Fast Ethernet Transmit Buffer (TxBD)
Table 36-11. Ethernet TxBD Field Definitions
Field
Name
Description
0
R
Ready
0 The buffer associated with this BD is not ready for transmission; the user can manipulate this BD
or its associated buffer. The CP clears R after the buffer has been sent or after an error.
1 The buffer is ready to be sent. The buffer is either waiting or in the process of being sent. The
user cannot change fields in this BD or its associated buffer once R = 1.
1
PAD
Short frame padding. Valid only when L = 1; otherwise, it is ignored.
0 Do not add PADs to short frames.
1 Add PADs to short frames. PAD bytes are inserted until the length of the transmitted frame equals
the MINFLR. The PAD bytes are stored in a buffer pointed to by PAD_PTR in the parameter RAM.
2
W
Wrap (final BD in table)
0 Not the last BD in the TxBD table.
1 Last BD in the TxBD table. After this buffer is used, the CP receives incoming data into the first
BD that TBASE points to in the table. The number of TxBDs in this table is programmable and
determined only by the W bit.
The TxBD table must contain more than one BD in Ethernet mode.
3
I
Interrupt
0 No interrupt is generated after this buffer is serviced; FCCE[TXE] is unaffected.
1 FCCE[TXB] or FCCE[TXE] is set after this buffer is serviced. These bits can cause interrupts if
they are enabled.
4
L
Last
0 Not the last buffer in the transmit frame.
1 Last buffer in the current transmit frame.
5
TC
Tx CRC. Valid only when the L bit is set; otherwise, it is ignored.
0 End transmission immediately after the last data byte.
1 Transmit the CRC sequence after the last data byte.
6
DEF
Defer indication. This frame did not have a collision before it was sent but it was sent late because
of deferring.
7
HB
Heartbeat. The collision input is not asserted within 40 transmit serial clocks following completion of
transmission. This bit cannot be set unless FPSMR[HBC] = 1. Written by the Ethernet controller
after sending the associated buffer.
8
LC
Late collision. A collision occurred after the number of bytes defined in FPSMR[LCW] (56 or 64) are
sent. The Ethernet controller terminates the transmission and updates LC after sending the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com