Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1264 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1264 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1260Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1261Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1268Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1264 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
37-2
Freescale Semiconductor
•
Four address comparison registers with masks
•
Maintenance of four 16-bit error counters
•
Flag/abort/idle generation and detection
•
Zero insertion/deletion
•
16- or 32-bit CRC-CCITT generation/checking
•
Detection of nonoctet-aligned frames
•
Detection of frames that are too long
•
Programmable flags (0–15) between successive frames
•
External BD table
•Up to T3 rate
•
Support of time stamp mode for Rx frames
•
Support of nibble mode HDLC (4 bits per clocks)
37.2
HDLC Channel Frame Transmission Processing
The HDLC transmitter is designed to work with almost no core intervention. When the core enables a
transmitter, it starts sending flags or idles as programmed in the HDLC mode register (FPSMR). The
HDLC controller polls the first BD in the transmit channel BD table. When there is a frame to transmit,
the HDLC controller fetches the data (address, control, and information) from the first buffer and begins
sending the frame after first inserting the user-specified minimum number of flags between frames. When
the end of the current buffer is reached and TxBD[L] (last buffer in frame) is set, the FCC appends the
CRC (if selected) and closing flag. In HDLC, the lsb of each octet and the msb of the CRC are sent first.
Figure 37-1 shows a typical HDLC frame.
Figure 37-1. HDLC Framing Structure
After the closing flag is sent, the HDLC controller writes the frame status bits into the BD and clears the
R bit. When the end of the current BD is reached and the L (last) bit is not set (working in multibuffer
mode), only the R bit is cleared. In either mode, an interrupt can be issued if the I bit in the TxBD is set.
The HDLC controller then proceeds to the next TxBD in the table. In this way, the core can be interrupted
after each buffer, after a specific buffer, after each frame, or after a number of frames.
To rearrange the transmit queue before the CP has sent all buffers, issue the STOP TRANSMIT command.
This can be useful for sending expedited data before previously linked buffers or for error situations. When
receiving the STOP TRANSMIT command, the HDLC controller aborts the current frame transmission and
starts transmitting idles or flags. When the HDLC controller is given the RESTART TRANSMIT command, it
resumes transmission. To insert a high-priority frame without aborting the current frame, the GRACEFUL
STOP TRANSMIT
command can be issued. A special interrupt (GRA) can be generated in the event register
when the current frame is complete.
Opening Flag
Address
Control
Information (Optional)
CRC
Closing Flag
8 Bits
16 Bits
8 Bits
8
n Bits
16 Bits
8 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com