Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1268 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1268 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1272Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1268 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
37-6
Freescale Semiconductor
Table 37-3 describes the receive commands that apply to the HDLC controller.
37.5.2
HDLC Error Handling
The HDLC controller reports frame reception and transmission error conditions using the channel BDs,
error counters, and HDLC event register (FCCE). Table 37-4 describes HDLC transmission errors, which
are reported through the TxBD.
RESTART
TRANSMIT
Enables character transmission on the transmit channel. This command is expected by the HDLC
controller after a STOP TRANSMIT command, after a STOP TRANSMIT command is issued and the
channel in its FCC mode register is disabled, after a GRACEFUL STOP TRANSMIT command, or after a
transmitter error (underrun or CTS lost with no automatic frame retransmission). The HDLC
controller resumes sending from the current TBPTR in the channel TxBD table.
INIT TX
PARAMETERS
Initializes all transmit parameters in this serial channel parameter RAM to their reset state. This
command should only be issued when the transmitter is disabled. Notice that the INIT TX AND RX
PARAMETERS
command can also be used to reset the transmit and receive parameters.
Table 37-3. Receive Commands
Command
Description
ENTER HUNT
MODE
After the hardware or software is reset and the channel is enabled in the FCC mode register, the
channel is in receive enable mode and uses the first BD in the table. The ENTER HUNT MODE
command is generally used to force the HDLC receiver to abort reception of the current frame and
enter the hunt mode. In hunt mode, the HDLC controller continually scans the input data stream for
the flag sequence. After receiving the command, the current receive buffer is closed, the error status
flags and length field are cleared, RxBD[E] (the empty bit) is set, and the CRC calculation is reset.
Further frame reception uses the current RxBD.
INIT RX
PARAMETERS
Initializes all the receive parameters in this serial channel parameter RAM to their reset state and
should be issued only when the receiver is disabled. Notice that the INIT TX AND RX PARAMETERS
command resets both receive and transmit parameters.
Table 37-4. HDLC Transmission Errors
Error
Description
Transmitter
Underrun
When this error occurs, the channel terminates buffer transmission, transmit an ABORT sequence
(a sequence which will generate CRC error on the frame), closes the buffer, sets the underrun (U)
bit in the BD, and generates the TXE interrupt if it is enabled. The channel resumes transmission
after receiving the RESTART TRANSMIT command.
CTS Lost during
Frame
Transmission
When this error occurs, the channel terminates buffer transmission, closes the buffer, sets
TxBD[CT], and generates a TXE interrupt (if it is enabled). The channel resumes transmission after
receiving the RESTART TRANSMIT command.
Table 37-2. Transmit Commands (continued)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com