Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1270 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1270 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1273Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1274Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1270 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
37-8
Freescale Semiconductor
37.6
HDLC Mode Register (FPSMR)
When an FCC is configured for HDLC mode, the FPSMR is used as the HDLC mode register, shown in
Figure 37-3.
The FPSMR fields are described in Table 37-6.
03
4
5
6
8
9
10
15
Field
NOF
FSE
MFF
—
TS
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11304 (FPSMR1), 0x11324 (FPSMR2), 0x11324 (FPSMR3)
16
17
23
24
25
26
31
Field NBL
—
CRC
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11306 (FPSMR1), 0x11326 (FPSMR2), 0x11326 (FPSMR3)
Figure 37-3. HDLC Mode Register (FPSMR)
Table 37-6. FPSMR Field Descriptions 1
Bits
Name
Description
0–3
NOF
Number of flags. Minimum number of flags between or before frames (0–15 flags). If NOF = 0000,
no flags are inserted between the frames. Thus, for back-to-back frames, the closing flag of one
frame is immediately followed by the opening flag of the next frame.
4
FSE
Flag sharing enable. This bit is valid only if GFMR[RTSM] is set.
0 Normal operation
1 If NOF = 0000, a single shared flag is transmitted between back-to-back frames. Other values of
NOF are decremented by 1 when FSE is set. This is useful in signaling system #7 applications.
5
MFF
Multiple frames in FIFO. Setting MFF applies only when in RTS mode (GFMR
x[RTSM] = 1).
0 Normal operation. The transmit FIFO buffer must never contain more than one HDLC frame. The
CTS lost status is reported accurately on a per-frame basis. The receiver is not affected by this
bit.
1 The transmit FIFO buffer can contain multiple frames, but lost CTS is not guaranteed to be
reported on the exact buffer/frame it occurred on. This option, however, can improve the
performance of HDLC transmissions for small back-to-back frames or if the user prefers to
strongly limit the number of flags sent between frames. MFF does not affect the receiver.
Refer to note 1 at the end of this table.
7–8
—
Reserved, should be cleared.
9TS
Time stamp
0 Normal operation.
1 A 32-bit time stamp is added at the beginning of the receive BD data buffer, thus the buffer pointer
must be (32-byte aligned - 4). The BD’s data length does not include the time stamp. See
Section 14.3.8, “RISC Time-Stamp Control Register (RTSCR).”
10–15
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com