Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1274 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1274 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1273Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1274Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1275Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1276Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1277Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1278Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1274 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
37-12
Freescale Semiconductor
The RxBD status bits are written by the HDLC controller after receiving the associated data buffer.
The remaining RxBD parameters are as follows:
•
Data length is the number of octets the CP writes into this BD’s data buffer. It is written by the CP
once the BD is closed. When this is the last BD in the frame (L = 1), this field contains the total
number of frame octets, including 2 or 4 bytes for CRC. The memory allocated for this buffer
should be no smaller than the MRBLR value.
•
Rx data buffer pointer. The receive buffer pointer, which always points to the first location of the
associated data buffer, resides in internal or external memory and must be divisible by 32 unless
FPSMR[TS] = 1 (see Table 37-6).
37.8
HDLC Transmit Buffer Descriptor (TxBD)
Data is presented to the HDLC controller for transmission on an FCC channel by arranging it in buffers
referenced by the channel TxBD table. The HDLC controller confirms transmission (or indicates errors)
using the BDs to inform the core that the buffers have been serviced. Figure 37-6 shows the FCC HDLC
TxBD.
11
NO
Rx nonoctet-aligned frame. Set when a received frame contains a number of bits not divisible by
eight.
12
AB
Rx abort sequence. At least seven consecutive 1s are received during frame reception.
13
CR
Rx CRC error. This frame contains a CRC error. Received CRC bytes are written to the receive
buffer.
14
OV
Overrun. A receiver overrun occurs during frame reception.
15
CD
Carrier detect lost. CD has negated during frame reception. This bit is valid only for NMSI mode.
0123
456
789
10
11
12
13
14
15
Offset + 0
R
—
WI
L
TC
CM
—UN
CT
Offset + 2
Data Length
Offset + 4
Tx Data Buffer Pointer
Offset + 6
Figure 37-6. FCC HDLC Transmit Buffer Descriptor (TxBD)
Table 37-7. RxBD field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com