Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1275 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1275 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1273Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1274Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1275Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1276Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1277Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1278Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1279Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1275 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
37-13
Table 37-8 describes HDLC TxBD fields.
The TxBD status bits are written by the HDLC controller after sending the associated data buffer.
The remaining TxBD parameters are as follows:
•
Data length is the number of bytes the HDLC controller should transmit from this data buffer; it is
never modified by the CP. The value of this field should be greater than zero.
•
Tx data buffer pointer. The transmit buffer pointer, which contains the address of the associated
data buffer, can be even or odd. The buffer can reside in internal or external memory. This value is
never modified by the CP.
Table 37-8. HDLC TxBD Field Descriptions
Bits
Name
Description
0
R
Ready
0 The buffer associated with this BD is not ready for transmission. The user can manipulate this BD
or its associated buffer. The CP clears R after the buffer has been sent or an error occurs.
1 The buffer is ready to be sent. The transmission may have begun, but it has not completed. The
user cannot set fields in this BD once R is set.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table)
0 Not the last BD in the TxBD table.
1 Last BD in the TxBD table. After this buffer has been used, the CP sends data from the first BD
that TBASE points to in the table. The number of TxBDs in this table is determined only by the W
bit and the overall space constraints of the dual-port RAM.
3
I
Interrupt
0 No interrupt is generated after this buffer is serviced; FCCE[TXE] is unaffected.
1 Either FCCE[TXB] or FCCE[TXE] is set when this buffer is serviced by the HDLC controller.
These bits can cause interrupts if they are enabled.
4
L
Last
0 Not the last buffer in the frame.
1 Last buffer in the current frame.
5
TC
Tx CRC.Valid only when the L bit is set. Otherwise, it is ignored.
0 Transmit the closing flag after the last data byte. This setting can be used to send a bad CRC after
the data for testing purposes.
1 Transmit the CRC sequence after the last data byte.
6
CM
Continuous mode
0 Normal operation.
1 The R bit is not cleared by the CP after this BD is closed, allowing the buffer to be retransmitted
automatically the next time the CP accesses this BD. However, the R bit is cleared if an error
occurs during transmission, regardless of the CM bit.
7–13
—
Reserved, should be cleared.
14
UN
Underrun. The HDLC controller encounters a transmitter underrun condition while sending the
buffer. The HDLC controller writes UN after sending the buffer.
15
CT
CTS lost. Set when CTS is lost during frame transmission in NMSI mode. If data from more than
one buffer is in the FIFO buffer when this error occurs, CT is set in the currently open TxBD. The
HDLC controller writes CT after sending the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com