Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1273 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1273 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1273Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1274Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1275Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1276Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1273 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
37-11
Figure 37-5 shows the FCC HDLC RxBD.
Table 37-7 describes RxBD fields.
0123
456
789
10
11
12
13
14
15
Offset + 0
E
—
WI
LF
CM
—
LGNOAB
CR
OVCD
Offset + 2
Data Length
Offset + 4
Rx Data Buffer Pointer
Offset + 6
Figure 37-5. FCC HDLC Receive Buffer Descriptor (RxBD)
Table 37-7. RxBD field Descriptions
Bits
Name
Description
0
E
Empty
0 The buffer is full with received data or data reception stopped because of an error. The core can
read or write to any fields of this RxBD. The CP does not use this BD while E = 0.
1 The buffer associated with this BD is empty. This RxBD and its associated receive buffer are
owned by the CP. Once E is set, the core should not write any fields of this RxBD.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table)
0 Not the last BD in the RxBD table.
1 Last BD in the RxBD table. After this buffer is used, the CP receives incoming data into the first
BD that RBASE points to in the table. The number of RxBDs in this table is programmable and is
determined only by the W bit and the overall space constraints of the dual-port RAM.
The RxBD table must contain more than one BD in HDLC mode.
3
I
Interrupt
0 The RXB bit is not set after this buffer is used, but RXF operation remains unaffected.
1 FCCE[RXB] or FCCE[RXF] is set when the HDLC controller uses this buffer. These two bits can
cause interrupts if they are enabled.
4
L
Last in frame. Set by the HDLC controller when this buffer is the last one in a frame. This implies the
reception of a closing flag or reception of an error, in which case one or more of the CD, OV, AB, and
LG bits are set. The HDLC controller writes the number of frame octets to the data length field.
0 Not the last buffer in a frame.
1 Last buffer in a frame.
5
F
First in frame. Set by the HDLC controller when this buffer is the first in a frame.
0 Not the first buffer in a frame.
1 First buffer in a frame.
6
CM
Continuous mode
0 Normal operation.
1 The E bit is not cleared by the CP after this BD is closed, allowing the associated data buffer to
be automatically overwritten the next time the CP accesses this BD. However, the E bit is cleared
if an error occurs during reception, regardless of the CM bit.
7–9
—
Reserved, should be cleared.
10
LG
Rx frame length violation. A frame length greater than the maximum defined for this channel is
recognized, and only the maximum-allowed number of bytes (MFLR) is written to the data buffer.
This event is not reported until the RxBD is closed, the RXF bit is set, and the closing flag is received.
The number of bytes received between flags is written to the data length field of this BD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com