Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1269 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1269 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1269 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
37-7
Table 37-5 describes HDLC reception errors, which are reported through the RxBD.
Table 37-5. HDLC Reception Errors
Error
Description
Overrun Error
The HDLC controller maintains an internal FIFO buffer for receiving data. The CP begins
programming the SDMA channel and updating the CRC whenever data is received in the FIFO
buffer. When a receive FIFO overrun occurs, the channel writes the received data byte to the internal
FIFO buffer over the previously received byte. The previous byte and the frame status are lost. The
channel closes the buffer with RxBD[OV] set and generates the RXF interrupt if it is enabled. The
receiver then enters hunt mode. Even if the overrun occurs during a frame whose address is not
matched in the address recognition logic, an RxBD with data length two is opened to report the
overrun and the RXF interrupt is generated if it is enabled.
CD Lost During
Frame
Reception
When this error occurs, the channel terminates frame reception, closes the buffer, sets RxBD[CD],
and generates the RXF interrupt if it is enabled. This error has highest priority. The rest of the frame
is lost and other errors are not checked in that frame. At this point, the receiver enters hunt mode. If
CD is Lost during the first 8 serial bits it will not be reported as CD Lost error and there will be no
indication of error.
Abort Sequence The HDLC controller detects an abort sequence when seven or more consecutive ones are
received. When this error occurs and the HDLC controller receives a frame, the channel closes the
buffer by setting RxBD[AB] and generates the RXF interrupt (if enabled). The channel also
increments the abort sequence counter. The CRC and nonoctet error status conditions are not
checked on aborted frames. The receiver then enters hunt mode. When an abort sequence is
received, the user is given no indication that an HDLC controller is not currently receiving a frame.
Nonoctet
Aligned Frame
When this error occurs, the channel writes the received data to the data buffer, closes the buffer,
sets the Rx nonoctet aligned frame bit RxBD[NO], and generates the RXF interrupt (if it is enabled).
The CRC error status should be disregarded on nonoctet frames. After a nonoctet aligned frame is
received, the receiver enters hunt mode. An immediate back-to-back frame is still received. The
nonoctet data portion may be derived from the last byte in the buffer by finding the least-significant
set bit, which marks the end of valid data as follows:
msb
lsb
Valid data
1000
CRC Error
When this error occurs, the channel writes the received CRC to the data buffer, closes the buffer,
sets RxBD[CR], and generates the RXF interrupt (if it is enabled). The channel also increments the
CRC error counter. After receiving a frame with a CRC error, the receiver enters hunt mode. An
immediate back-to-back frame is still received. CRC checking cannot be disabled, but the CRC error
can be ignored if checking is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com