Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1266 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1266 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1262Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1263Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1270Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1266 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
37-4
Freescale Semiconductor
Figure 37-2 shows an example of using HMASK and HADDR[1–4].
0x4E
CRCEC2
Hword
CRC error counter. Counts frames not addressed to the user or frames received in
the BSY condition, but does not include overrun, CD lost, or abort errors.
0x50
ABTSC2
Hword
Abort sequence counter
0x52
NMARC2
Hword
Nonmatching address Rx counter. Counts nonmatching addresses received
(error-free frames only). See the HMASK and HADDR[1–4] parameter description.
0x54
MAX_CNT
Word
Max_length counter. Temporary decrementing counter that tracks frame length.
0x58
MFLR
Hword
Max frame length register. If the HDLC controller detects an incoming HDLC frame
that exceeds the user-defined value in MFLR, the rest of the frame is discarded and
the LG (Rx frame too long) bit is set in the last BD belonging to that frame. The HDLC
controller waits for the end of the frame and then reports the frame status and length
in the last RxBD. MFLR includes all in-frame bytes between the opening and closing
flags (address, control, data, and CRC).
0x5A
RFTHR
Hword
Received frames threshold. Used to reduce the interrupt overhead that might
otherwise occur when a series of short HDLC frames arrives, each causing an RXF
interrupt. By programming RFTHR, the user lowers the frequency of RXF interrupts,
which occur only when the RFTHR value is reached. Note that the user should
provide enough empty RxBDs to receive the number of frames specified in RFTHR.
0x5C
RFCNT
Hword
Received frames count. A decrementing counter used to implement this feature.
Initialize this counter with RFTHR.
0x5E
HMASK
Hword
HMASK and HADDR[1–4]. The HDLC controller reads the frame address from the
HDLC receiver, checks it against the four address register values, and masks the
result with HMASK. In HMASK, a 1 represents a bit position for which address
comparison should occur; 0 represents a masked bit position. When addresses
match, the address and subsequent data are written into the buffers. When
addresses do not match and the frame is error-free, the nonmatching address
received counter (NMARC) is incremented.
Note that for 8-bit addresses, mask out (clear) the eight high-order bits in HMASK.
The eight low-order bits and HADDRx should contain the address byte that
immediately follows the opening flag. For example, to recognize a frame that begins
0x7E (flag), 0x68, 0xAA, using 16-bit address recognition, HADDRx should contain
0xAA68 and HMASK should contain 0xFFFF. See Figure 37-2.
0x60
HADDR1
Hword
0x62
HADDR2
Hword
0x64
HADDR3
Hword
0x66
HADDR4
Hword
0x68
TS_TMP
Hword
Temporary storage
0x6A
TMP_MB
Hword
Temporary storage
1 Offset from FCC base: 0x8400 (FCC1), 0x8500 (FCC2) and 0x8600 (FCC3); see Section 14.5.2, “Parameter RAM.”
2 DISFC, CRCEC, ABTSC, and NMARC—These 16-bit (modulo 216) counters are maintained by the CP. The user can
initialize them while the channel is disabled.
Table 37-1. FCC HDLC-Specific Parameter RAM Memory Map (continued)
Offset1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com