Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1276 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1276 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1273Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1274Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1275Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1276Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1277Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1278Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1276 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
37-14
Freescale Semiconductor
37.9
HDLC Event Register (FCCE)/Mask Register (FCCM)
The FCCE is used as the HDLC event register when the FCC operates as an HDLC controller. The FCCE
reports events recognized by the HDLC channel and generates interrupts. On recognition of an event, the
HDLC controller sets the corresponding FCCE bit. FCCE bits are cleared by writing ones; writing zeros
does not affect bit values. All unmasked bits must be cleared before the CP clears the internal interrupt
request.
Interrupts generated by the FCCE can be masked in the HDLC mask register (FCCM), which has the same
bit format as FCCE. If an FCCM bit = 1, the corresponding interrupt in the event register is enabled. If the
bit is 0, the interrupt is masked.
Figure 37-7 represents the FCC/FCCM.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
—
GRA
—
TXE
RXF
BSY
TXB
RXB
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11310 (FCCE1), 0x11330 (FCCE2), 0x11350 (FCCE3)/
0x11314 (FCCM1), 0x11334 (FCCM2), 0x11354 (FCCM3)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field
—
FLG
IDL
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11312 (FCCE1), 0x11332 (FCCE2), 0x11352 (FCCE3)/
0x11316 (FCCM1), 0x11336 (FCCM2), 0x11356 (FCCM3)
Figure 37-7. HDLC Event Register (FCCE)/Mask Register (FCCM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com