Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1279 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1279 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1275Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1276Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1277Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1278Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1279 / 1386 page
background image
FCC HDLC Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
37-17
Table 37-10 describes FCCS bits.
Table 37-10. FCCS Register Field Descriptions
Bits
Name
Description
0–4
—
Reserved, should be cleared.
5
FG
Flags. While FG is cleared, each time a new bit is received the most recently received 8 bits are
examined to see if a flag is present. FG is set as soon as an HDLC flag (0x7E) is received on the
line. Once FG is set, it remains set at least 8 bit times while the next 8 bits of input data are
examined. If another flag occurs, FG stays set for at least another eight bits. Otherwise, FG is
cleared and the search begins again.
• 0HDLC flags are not currently being received.
• 1HDLC flags are currently being received.
6
—
Reserved, should be cleared.
7
ID
Idle status. ID is set when the RXD signal is a logic one for 15 or more consecutive bit times; it is
cleared after a logic zero is received.
• 0The line is busy.
• 1The line is idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com