Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1283 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1283 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1283 / 1386 page
background image
FCC Transparent Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
38-3
The receiver synchronizes on the synchronization pattern located in the FDSR. For instance, if an 8-bit
SYNC is selected, reception begins as soon as these eight bits are received, beginning with the first bit
following the 8-bit SYNC. This effectively links the transmitter synchronization to the receiver
synchronization.
38.3.2
External Synchronization Signals
If GFMR[SYNL] = 00, an external signal is used to begin the sequence. CTS is used for the transmitter
and CD is used for the receiver; these signals share the following sampling options.
•
The pulse/envelope option determines whether CD or CTS need to be asserted only once to begin
reception/transmission or whether they must be asserted and stay that way for the duration of the
transparent frame. This option is controlled by the CDP and CTSP bits of the GFMR. If the user
expects a continuous stream of data without interruption, the pulse option should be used.
However, if the user needs to identify frames of transparent data, the envelope mode of the these
signals should be used. Note that the first bit of a frame is transmitted as zero every time RTS is
asserted before CTS is asserted (GFMR[CTSS] = 1); subsequent data bits are sent accurately.
Similarly, if CTS is in pulse mode (GFMR[CTSP] = 1), only the first frame is affected. If CTS is
not in pulse mode (GFMR[CTSP] = 0), every frame is affected separately. Note that if NRZI
encoding is used (GFMR[TENC]=01), RTS must be asserted before CTS, or else the first bit of the
frame might be corrupted.
•
The sampling option determines the delay between CD and CTS being asserted and the resulting
action by the FCC. These signals can be assumed to be asynchronous to the data and then internally
synchronized by the FCC, or they can be assumed to be synchronous to the data giving faster
operation. This option allows the RTS of one FCC to be connected to the CD of another FCC (on
another MPC8280) and to have the data synchronized and bit aligned. It is also an option to link
the transmitter synchronization to the receiver synchronization.
When working with the FCC receiver in envelope mode, RTS should be asserted for at least 3 clock cycles
between frames. Otherwise, the receiver cannot recognize the start of a new frame. Diagrams for the
pulse/envelope and sampling options are in Section 30.11, “FCC Timing Control.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com