Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1286 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1286 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1286 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
39-2
Freescale Semiconductor
•
Supports back-to-back character transmission and reception
•
Master or slave SPI modes supported
•
Multimaster environment support
•
Continuous transfer mode for automatic scanning of a peripheral
•
Supports maximum clock rates of 25 in master mode and 50 MHz in slave mode, assuming a
100-MHz system clock
•
Independent programmable baud rate generator
•
Programmable clock phase and polarity
•
Open-drain outputs support multimaster configuration
•
Local loopback capability for testing
39.2
SPI Clocking and Signal Functions
The SPI can be configured as a slave or as a master in single- or multiple-master environments. The master
SPI generates the transfer clock SPICLK using the SPI baud rate generator (BRG). The SPI BRG takes its
input from BRGCLK, which is generated in the MPC8280 clock synthesizer.
SPICLK is a gated clock, active only during data transfers. Four combinations of SPICLK phase and
polarity can be configured with SPMODE[CI, CP]. SPI signals can also be configured as open-drain to
support a multimaster configuration in which a shared SPI signal is driven by the MPC8280 or an external
SPI device.
The SPI master-in slave-out SPIMISO signal acts as an input for master devices and as an output for slave
devices. Conversely, the master-out slave-in SPIMOSI signal is an output for master devices and an input
for slave devices. The dual functionality of these signals allows the SPIs in a multimaster environment to
communicate with one another using a common hardware configuration.
•
When the SPI is a master, SPICLK is the clock output signal that shifts received data in from
SPIMISO and transmitted data out to SPIMOSI. SPI masters must output a slave select signal to
enable SPI slave devices by using a separate general-purpose I/O signal. Assertion of an SPI’s
SPISEL while it is master causes an error.
•
When the SPI is a slave, SPICLK is the clock input that shifts received data in from SPIMOSI and
transmitted data out through SPIMISO. SPISEL is the enable input to the SPI slave. In a
multimaster environment, SPISEL (always an input) is used to detect an error when more than one
master is operating.
As described in Chapter 41, “Parallel I/O Ports,” SPIMISO, SPIMOSI, SPICLK, and SPISEL are
multiplexed with port D[16–19] signals, respectively. They are configured as SPI signals through the port
D signal assignment register (PDPAR) and the port D data direction register (PDDIR), specifically by
setting PDPAR[DDn] and PDDIR[DRn].
39.3
Configuring the SPI Controller
The SPI can be programmed to work in a single- or multiple-master environment. This section describes
SPI master and slave operation in a single-master configuration and then discusses the multi-master
environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com