Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1284 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1284 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1288Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1284 / 1386 page
background image
FCC Transparent Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
38-4
Freescale Semiconductor
38.3.3
Transparent Synchronization Example
Figure 38-2 shows an example of synchronization using external signals.
Figure 38-2. Sending Transparent Frames between MPC8280s
MPC8280(A) and MPC8280(B) exchange transparent frames and synchronize each other using RTS and
CD. However, CTS is not required because transmission begins at any time. Thus, RTS is connected
directly to the other MPC8280’s CD. GFMR[SYNL] is not used and transmission and reception from each
MPC8280 are independent.
RXD
CD
CLKx
TXD
RTS
CD
RXD
BRGOx
RTS
TXD
CLKx
BRGOx
BRGOx
Last Bit of Frame Data
First Bit of Frame Data
(Output is CLKx Input)
TXD
(Output is RXD Input)
RTS
(Output is CD Input)
or CRC
TxBD[L] = 1 Causes Negation of RTS
CD Lost Condition Terminates Reception of Frame
MPC8280 (A)
MPC8280 (B)
Notes:
1 Each MPC8280 generates its own transmit clocks. If the transmit and receive clocks are the same, one can generate
transmit and receive clocks for the other MPC8280. For example, CLKx on MPC8280 (B) could be used to clock the
transmitter and receiver
2 CTS should be configured as always asserted in the parallel I/O port or connected to ground externally.
3 The required GSMR configurations are DIAG= 00, CTSS=1, CTSP is a don’t care, CDS=1, CDP=0, TTX=1, and
TRX=1. REVD and TCRC are application-dependent.
4 The transparent frame contains a CRC if TxBD[TC] is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com