Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1285 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1285 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1289Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1285 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
39-1
Chapter 39
Serial Peripheral Interface (SPI)
The serial peripheral interface (SPI) allows the MPC8280 to exchange data between other MPC8280
chips, the MPC860, the MC68360, the MC68302, the M68HC11 and M68HC05 microcontroller families,
and peripheral devices such as EEPROMs, real-time clocks, A/D converters, and ISDN devices.
The SPI is a full-duplex, synchronous, character-oriented channel that supports a four-wire interface
(receive, transmit, clock and slave select). The SPI block consists of transmitter and receiver sections, an
independent baud-rate generator, and a control unit. The transmitter and receiver sections use the same
clock, which is derived from the SPI baud rate generator in master mode and generated externally in slave
mode. During an SPI transfer, data is sent and received simultaneously.
Because the SPI receiver and transmitter are double-buffered, as shown in Figure 39-1, the effective FIFO
size (latency) is 2 characters. The SPI’s msb is shifted out first. When the SPI is disabled in the SPI mode
register (SPMODE[EN] = 0), it consumes little power.
Figure 39-1. SPI Block Diagram
39.1
Features
The following is a list of the SPI’s main features:
•
Four-signal interface (SPIMOSI, SPIMISO, SPICLK, and SPISEL) multiplexed with port D
signals
•
Full-duplex operation
•
Works with data characters from 4 to 16 bits long
SPI Mode Register
Transmit_Register
Receive_Register
Counter
Shift_Register
SPIBRG
Pins Interface
BRGCLK
SPIMOSI
SPISEL
SPIMISO
SPICLK
TxD
RxD
IN_CLK
60x Bus
Peripheral Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com