Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1281 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1281 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1277Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1278Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1281 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
38-1
Chapter 38
FCC Transparent Controller
The FCC transparent controller functions as a high-speed serial-to-parallel and parallel-to-serial converter.
Transparent mode provides a clear channel on which the FCC performs no bit-level
manipulation—implementing higher-level protocols would require software. Transparent mode is also
referred to as a totally transparent or promiscuous operation.
Basic applications for an FCC in transparent mode include the following:
•
For data, such as voice, moving serially without the need for protocol processing
•
For board-level applications, such as chip-to-chip communications, requiring a serial-to-parallel
and parallel-to-serial conversion
•
For applications requiring the switching of data paths without altering the protocol encoding itself,
such as a multiplexer in which data from a high-speed TDM serial stream is divided into multiple
low-speed data streams
An FCC transmitter and receiver can be programmed in transparent mode independently. Setting
GFMRx[TTx] enables the transparent transmitter; setting GFMRx[TRx] enables the transparent receiver.
Both bits must be set for full-duplex transparent operation. If only one bit is set, the other half of the FCC
operates with the protocol programmed in GFMRx[MODE]. This allows loopback modes to transfer data
from one memory location to another (using DMA) while the data is converted to a specific serial format.
However, the Ethernet and ATM controllers cannot be split in this way. See Section 30.2, “General FCC
Mode Registers (GFMRx).”
The FCC in transparent mode can work with the TSA or NMSI and support modem lines using the
general-purpose I/O signals. The data can be transmitted and received with msb or lsb first in each octet.
The FCC consists of separate transmit and receive sections whose operations are asynchronous with the
core and can either be synchronous or asynchronous with respect to the other FCCs. Each clock can be
supplied from the internal BRG bank or external signals.
38.1
Features
The following is a list of the transparent controller’s important features:
•
Flexible data buffers
•
Automatic SYNC detection on receive
— 16-bit pattern
— 8-bit pattern
— Automatic sync (always synchronized)
— External sync signal support
•
CRCs can optionally be transmitted and received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com