Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1282 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1282 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1278Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1286Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1282 / 1386 page
background image
FCC Transparent Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
38-2
Freescale Semiconductor
•
Reverse data mode
•
Another protocol can be performed on the FCC’s other half (transmitter or receiver) during
transparent mode
•
External BD table
38.2
Transparent Channel Operation
The transparent transmitter and receiver operates in the same way as the HDLC controller of the FCC (see
Chapter 37, “FCC HDLC Controller”) except in the following ways:
1. The FPSMR does not affect the transparent controller, only the GFMR does.
2. In Table 37-1 on page 37-3, MFLR, HMASK, RFTHR, and RFCNT must be cleared for proper
operation of the transparent receiver.
3. Transmitter synchronization has to be achieved using CTS before the transmitter begins sending;
see Section 38.3, “Achieving Synchronization in Transparent Mode.”
38.3
Achieving Synchronization in Transparent Mode
Once the FCC transmitter is enabled for transparent operation in the GFMR, the TxBD is prepared for the
FCC, and the transmit FIFO is preloaded by the SDMA channel, transmit synchronization must be
established before data can be sent.
Similarly, once the FCC receiver is enabled for transparent operation in the GFMR and the RxBD is made
empty for the FCC, receive synchronization must occur before data can be received. The synchronization
process gives the user bit-level control of when the transmission and reception begins. The methods for
this are as follows:
•
An in-line synchronization pattern
•
External synchronization signals
•
Automatic sync
38.3.1
In-Line Synchronization Pattern
The transparent channel can be programmed to transmit and receive a synchronization pattern if
GFMR[SYNL]
≠ 0; see Section 30.2, “General FCC Mode Registers (GFMRx).” The pattern is defined in
the FDSR; see Section 30.4, “FCC Data Synchronization Registers (FDSRx).” GFMR[SYNL] defines the
SYNC pattern length. The synchronization pattern is shown in Figure 38-1.
07
8
15
Field
8-Bit Sync Pattern
—
Field
16-Bit Sync Pattern
(Second Byte)
(First Byte)
Figure 38-1. In-Line Synchronization Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com