Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1288 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1288 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1292Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1288 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
39-4
Freescale Semiconductor
39.3.2
The SPI as a Slave Device
In slave mode, the SPI receives messages from an SPI master and sends a simultaneous reply. The slave’s
SPISEL must be asserted before Rx clocks are recognized; once SPISEL is asserted, SPICLK becomes an
input from the master to the slave. SPICLK can be any frequency from DC to BRGCLK/2 (12.5 MHz for
a 25-MHz system).
To prepare for data transfers, the slave’s core writes data to be sent into a buffer, configures a TxBD with
TxBD[R] set, and configures one or more RxBDs. The core then sets SPCOM[STR] to activate the SPI.
Once SPISEL is asserted, the slave shifts data out from SPIMISO and in through SPIMOSI. A maskable
interrupt is issued when a full buffer finishes receiving and sending or after an error. The SPI uses
successive RxBDs in the table to continue reception until it runs out of Rx buffers or SPISEL is negated.
Transmission continues until no more data is available or SPISEL is negated. If it is negated before all data
is sent, it stops but the TxBD stays open. Transmission continues once SPISEL is reasserted and SPICLK
begins toggling. After the characters in the buffer are sent, the SPI sends ones as long as SPISEL remains
asserted.
39.3.3
The SPI in Multimaster Operation
The SPI can operate in a multimaster environment in which SPI devices are connected to the same bus. In
this configuration, the SPIMOSI, SPIMISO, and SPICLK signals of all SPIs are shared; the SPISEL inputs
are connected separately, as shown in Figure 39-3. Only one SPI device can act as master at a time—all
others must be slaves. When an SPI is configured as a master and its SPISEL input is asserted, a
multimaster error occurs because more than one SPI device is a bus master. The SPI sets SPIE[MME] in
the SPI event register and a maskable interrupt is issued to the core. It also disables SPI operation and the
output drivers of SPI signals. The core must clear SPMODE[EN] before the SPI is used again. After
correcting the problems, clear SPIE[MME] and reenable the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com