Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1292 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1292 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1296Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1292 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
39-8
Freescale Semiconductor
Figure 39-6. SPI Transfer Format with SPMODE[CP] = 1
39.4.1.1
SPI Examples with Different SPMODE[LEN] Values
The examples below show how SPMODE[LEN] is used to determine character length. To help map the
process, the conventions shown in Table 39-2 are used in the examples.
Once the data string image is determined, it is always transmitted byte by byte with the lsb of the
most-significant byte sent first. For all examples below, assume the memory contains the following binary
image:
msb
ghij_klmn__opqr_stuv
lsb
Example 1
with LEN=4 (data size=5), the following data is selected:
msb
xxxj_klmn__xxxr_stuv
lsb
with REV=0, the data string image is:
msb
j_klmn__r_stuv
lsb
the order of the string appearing on the line, a byte at a time is:
first
nmlk_j__vuts_r
last
with REV=1,the string has each byte reversed, and the data string image is:
msb
nmlk_j__vuts_r
lsb
the order of the string appearing on the line, one byte at a time is:
first
j_klmn__r_stuv
last
Table 39-2. Example Conventions
Convention
Description
g–v
Binary symbols
x
Deleted bit
__ 1
1 Both __ and _ are used to aid readability.
Original byte boundary
_ 1
Original 4-bit boundary.
SPICLK
SPICLK
SPIMOSI
SPISEL
(From Master)
SPIMISO
(From Slave)
(CI = 0)
(CI = 1)
NOTE: Q = Undefined Signal.
msb
lsb
lsb
Qmsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com