Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1293 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1293 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1296Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1297Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1293 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
39-9
Example 2
with LEN=7 (data size=8), the following data is selected:
msb
ghij_klmn__opqr_stuv
lsb
the data string is selected:
msb
ghij_klmn__opqr_stuv
lsb
with REV=0, the string transmitted, a byte at a time with lsb first is:
first
nmlk_jihg__vuts_rqpo
last
with REV=1, the string is byte reversed and transmitted, a byte at a time, with lsb
first:
first
ghij_klmn__opqr_stuv
last
Example 3
with LEN=0xC (data size=13), the following data is selected:
msb
ghij_klmn__xxxr_stuv
lsb
the data string selected is:
msb
r_stuv__ghij_klmn
lsb
with REV=0, the string transmitted, a byte at a time with lsb first is:
first
vuts_r__nmlk_jihg
last
with REV=1, the string is half-word reversed:
msb
nmlk_jihg__vuts_r
lsb
and transmitted a byte at a time with lsb first:
first
ghij_klmn__r_stuv
last
39.4.2
SPI Event/Mask Registers (SPIE/SPIM)
The SPI event register (SPIE) generates interrupts and reports events recognized by the SPI. When an
event is recognized, the SPI sets the corresponding SPIE bit. Clear SPIE bits by writing a 1—writing 0 has
no effect. Setting a bit in the SPI mask register (SPIM) enables and clearing a bit masks the corresponding
interrupt. Unmasked SPIE bits must be cleared before the CP clears internal interrupt requests. Figure 39-7
shows both registers.
Table 39-3 describes the SPIE/SPIM fields.
01234567
Field
—
MME
TXE
—
BSY
TXB
RXB
Reset
0000_0000
R/W
R/W
Addr
0x11AA6 (SPIE); 0x11AAA (SPIM)
Figure 39-7. SPIE/SPIM—SPI Event/Mask Registers
Table 39-3. SPIE/SPIM Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
MME
Multimaster error. Set when SPISEL is asserted externally while the SPI is in master mode.
3
TXE
Tx error. Set when an error occurs during transmission.This event is not maskable via the TxBD[I]
bit.
4
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com