Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1295 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1295 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1296Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1297Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1298Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1299Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1295 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
39-11
Table 39-5. SPI Parameter RAM Memory Map
Offset 1
1 From the pointer value programmed in SPI_BASE at IMMR + 0x89FC.
Name
Width
Description
0x00
RBASE
Hword Rx/Tx BD table base address. Indicate where the BD tables begin in the dual-port RAM.
Setting Rx/TxBD[W] in the last BD in each BD table determines how many BDs are
allocated for the Tx and Rx sections of the SPI. Initialize RBASE/TBASE before enabling
the SPI. Furthermore, do not configure BD tables of the SPI to overlap any other active
controller’s parameter RAM.
RBASE and TBASE should be divisible by eight.
0x02
TBASE
Hword
0x04
RFCR
Byte
Rx/Tx function code registers. The function code registers contain the transaction
specification associated with SDMA channel accesses to external memory. See
Section 39.5.1, “Receive/Transmit Function Code Registers (RFCR/TFCR).”
0x05
TFCR
Byte
0x06
MRBLR
Hword Maximum receive buffer length. The SPI has one MRBLR entry to define the maximum
number of bytes the MPC8280 writes to a Rx buffer before moving to the next buffer. The
MPC8280 can write fewer bytes than MRBLR if an error or end-of-frame occurs, but
never exceeds the MRBLR value. User-supplied buffers should be no smaller than
MRBLR.
Tx buffers are unaffected by MRBLR and can have varying lengths; the number of bytes
to be sent is programmed in TxBD[Data Length].
MRBLR is not intended to be changed while the SPI is operating. However it can be
changed in a single bus cycle with one 16-bit move (not two 8-bit bus cycles
back-to-back). The change takes effect when the CP moves control to the next RxBD.
To guarantee the exact RxBD on which the change occurs, change MRBLR only while
the SPI receiver is disabled. MRBLR should be greater than zero; it should be an even
number if the character length of the data exceeds 8 bits.
0x08
RSTATE
Word
Rx internal state.2 Reserved for CP use.
2 Normally, these parameters need not be accessed. They are listed to help experienced users in debugging.
0x0C
—
Word
The Rx internal data pointer 2 is updated by the SDMA channels to show the next
address in the buffer to be accessed.
0x10
RBPTR
Hword RxBD pointer. Points to the current Rx BD being processed or to the next BD to be
serviced when idle. After a reset or when the end of the BD table is reached, the CP
initializes RBPTR to the RBASE value. Most applications should not modify RBPTR, but
it can be updated when the receiver is disabled or when no Rx buffer is in use.
0x12
—
Hword The Rx internal byte count 2 is a down-count value that is initialized with the MRBLR
value and decremented with every byte the SDMA channels write.
0x14
—
Word
Rx temp.2 Reserved for CP use.
0x18
TSTATE
Word
Tx internal state.2 Reserved for CP use.
0x1C
—
Word
The Tx internal data pointer2 is updated by the SDMA channels to show the next address
in the buffer to be accessed.
0x20
TBPTR
Hword TxBD pointer. Points to the current Tx BD during frame transmission or the next BD to be
processed when idle. After reset or when the end of the Tx BD table is reached, the CP
initializes TBPTR to the TBASE value. Most applications do not need to modify TBPTR,
but it can be updated when the transmitter is disabled or when no Tx buffer is in use.
0x22
—
Hword The Tx internal byte count2 is a down-count value initialized with TxBD[Data Length] and
decremented with every byte read by the SDMA channels.
0x24
—
Word
Tx temp.2 Reserved for CP use.
0x34
—
Word
SDMA temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com