Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1291 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1291 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1295Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1291 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
39-7
Figure 39-5. SPI Transfer Format with SPMODE[CP] = 0
Figure 39-6 shows the SPI transfer format in which SPICLK starts toggling at the beginning of the transfer
(SPMODE[CP] = 1).
7
EN
Enable SPI. Do not change other SPMODE bits when EN is set.
0 The SPI is disabled. The SPI is in a reset state and consumes minimal power. The SPI BRG is not
functioning and the input clock is disabled.
1 The SPI is enabled. Configure SPIMOSI, SPIMISO, SPICLK, and SPISEL to connect to the SPI as
described in Section 41.2, “Port Registers. “
8–11
LEN
Character length in bits per character. If the character length is not greater than a byte, every byte in
memory holds (LEN+1) valid bits. If the character length is greater than a byte, every half-word holds
(LEN+1) valid bits. See Section 39.4.1.1, “SPI Examples with Different SPMODE[LEN] Values.”
0000–0010 Reserved, causes erratic behavior.
0011 4-bit characters
…
1111 16-bit characters
12–15
PM
Prescale modulus select. Specifies the divide ratio of the prescale divider in the SPI clock generator.
BRGCLK is divided by 4 * ([PM0–PM3] + 1), a range from 4 to 64. The clock has a 50% duty cycle.
Table 39-1. SPMODE Field Descriptions (continued)
Bits
Name
Description
SPICLK
SPICLK
SPIMOSI
SPISEL
(From Master)
SPIMISO
(From Slave)
(CI = 0)
(CI = 1)
NOTE: Q = Undefined Signal.
msb
lsb
msb
Q
lsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com