Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1290 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1290 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1294Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1290 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
39-6
Freescale Semiconductor
mode. Gaps should be inserted between multiple characters to keep from exceeding the maximum
sustained data rate.
39.4
Programming the SPI Registers
The following sections describe the registers used in configuring and operating the SPI.
39.4.1
SPI Mode Register (SPMODE)
The SPI mode register (SPMODE), shown in Figure 39-4, controls both the SPI operation mode and clock
source.
Table 39-1 describes the SPMODE fields.
0
1
2
3
4
5
6
7
8
9
1011
1213
1415
Field
—
LOOP
CI
CP
DIV16
REV
M/S
EN
LEN
PM
Reset
0000_00
—
0_0000_0000
R/W
R/W
Addr
0x11AA0
Figure 39-4. SPMODE—SPI Mode Register
Table 39-1. SPMODE Field Descriptions
Bits
Name
Description
0
—
Reserved, should be cleared.
1
LOOP Loop mode. Enables local loopback operation.
0 Normal operation.
1 Loopback mode. The transmitter output is internally connected to the receiver input. The receiver
and transmitter operate normally, except that received data is ignored.
2
CI
Clock invert. Inverts SPI clock polarity. See Figure 39-5 and Figure 39-6.
0 The inactive state of SPICLK is low.
1 The inactive state of SPICLK is high.
3
CP
Clock phase. Selects the transfer format. See Figure 39-5 and Figure 39-6.
0 SPICLK starts toggling at the middle of the data transfer.
1 SPICLK starts toggling at the beginning of the data transfer.
4
DIV16 Divide by 16. Selects the clock source for the SPI baud rate generator when configured as an SPI
master. In slave mode, SPICLK is the clock source.
0 BRGCLK is the input to the SPI BRG.
1 BRGCLK/16 is the input to the SPI BRG.
5
REV
Reverse data. Determines the receive and transmit character bit order.
0 Reverse data—lsb of the character sent and received first.
1 Normal operation—msb of the character sent and received first.
6
M/S
Master/slave. Selects master or slave mode.
0 The SPI is a slave.
1 The SPI is a master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com