Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1296 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1296 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1296Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1297Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1298Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1299Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1300Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1296 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
39-12
Freescale Semiconductor
39.5.1
Receive/Transmit Function Code Registers (RFCR/TFCR)
Figure 39-9 shows the fields in the receive/transmit function code registers (RFCR/TFCR).
Table 39-6 describes the RFCR/TFCR fields.
39.6
SPI Commands
Table 39-7 lists transmit/receive commands sent to the CP command register (CPCR).
01234567
Field
—
GBL
BO
TC2
DTB
—
Reset
0000_0000
R/W
R/W
Addr
SPI Base + 04 (RFCR)/SPI Base + 05 (TFCR)
Figure 39-9. RFCR/TFCR—Function Code Registers
Table 39-6. RFCR/TFCR Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
GBL
Global access bit
0 Disable memory snooping
1 Enable memory snooping
3–4
BO
Byte ordering. Set BO to select the required byte ordering for the buffer. If BO is changed on-the-fly,
it takes effect at the beginning of the next frame or BD.
00 True little-endian. Note this mode can only be used with 32-bit port size memory.
01 Munged little-endian
1x Big-endian
5
TC2
Transfer code 2. Contains the transfer code value of TC[2], used during this SDMA channel memory
access. TC[0–1] is driven with a 0b11 to identify this SDMA channel access as a DMA-type access.
6
DTB
Data bus indicator.
0 Use 60x bus for SDMA operation.
1 Use local bus for SDMA operation.
7
—
Reserved, should be cleared.
Table 39-7. SPI Commands
Command
Description
INIT TX
PARAMETERS
Initializes all transmit parameters in the parameter RAM to their reset state and should be issued only when
the transmitter is disabled. The INIT TX AND RX PARAMETERS command can also be used to reset both the Tx
and Rx parameters.
CLOSE RXBD
Forces the SPI controller to close the current RxBD and use the next BD for subsequently received data. If the
controller is not receiving data, no action is taken. Use this command to extract data from a partially full buffer.
INIT RX
PARAMETERS
Initializes all receive parameters in the parameter RAM to their reset state. Should be issued only when the
receiver is disabled. The INIT TX AND RX PARAMETERS command can also be used to reset both the Tx and Rx
parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com