Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1298 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1298 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1296Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1297Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1298Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1299Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1300Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1301Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1298 / 1386 page
background image
Serial Peripheral Interface (SPI)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
39-14
Freescale Semiconductor
39.7.1.1
SPI Receive BD (RxBD)
The CP uses RxBDs to report on each received buffer. It closes the current buffer, generates a maskable
interrupt, and starts receiving data in the next buffer once the current buffer is full. The CP also closes the
buffer when the SPI is configured as a slave and SPISEL is negated, indicating that reception stopped. The
core should write RxBD bits before the SPI is enabled. The format of an RxBD is shown in Figure 39-11.
Table 39-8 describes the RxBD status and control fields.
0123
456
789
10
11
12
13
14
15
Offset + 0
E
—
WI
L—
CM
—OV
ME
Offset + 2
Data Length
Offset + 4
Rx Buffer Pointer
Offset + 6
Figure 39-11. SPI RxBD
Table 39-8. SPI RxBD Status and Control Field Descriptions
Bits
Name
Description
0
E
Empty.
0 The buffer is full or stopped receiving because of an error. The core can examine or write to any
fields of this RxBD, but the CP does not use this BD while E = 0.
1 The buffer is empty or reception is in progress. The CP owns this RxBD and its buffer. Once E is
set, the core should not write any fields of this RxBD.
1
—
Reserved, should be cleared.
2
W
Wrap (last BD in table).
0 Not the last BD in the RxBD table.
1 Last BD in the RxBD table. After this buffer is used, the CP receives incoming data using the BD
pointed to by RBASE (top of the table). The number of BDs in this table is determined only by the
W bit and overall space constraints of the dual-port RAM.
3
I
Interrupt.
0 No interrupt is generated after this buffer is filled.
1 SPIE[RXB] is set when this buffer is full, indicating the need for the core to process the buffer.
SPIE[RXB] causes an interrupt if not masked.
4
L
Last. Updated by the SPI when the buffer is closed because SPISEL was negated (slave mode
only). Otherwise, RxBD[ME] is set. The SPI updates L after received data is placed in the buffer.
0 This buffer does not contain the last character of the message.
1 This buffer contains the last character of the message.
5
—
Reserved, should be cleared.
6
CM
Continuous mode. Master mode only; in slave mode, CM should be cleared.
0 Normal operation.
1 The CP does not clear RxBD[E] after this BD is closed; the buffer is overwritten when the CP next
accesses this BD. This allows continuous reception from an SPI slave into one buffer for
autoscanning of a serial A/D peripheral with no core overhead.
7–13
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com