Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1222 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1222 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1226Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1222 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
35-6
Freescale Semiconductor
35.2.2.1
Transmit ATM 2-Cell FIFO
The transmit FIFO provides FIFO management and an interface to the UTOPIA transmit interface. The
FIFO provides the cell rate decoupling between the transmission system physical layer and the ATM layer.
The FIFO management includes emptying cells from the transmit FIFO, indicating to the UTOPIA
interface that it is full, maintaining the FIFO read and write pointers, and detecting FIFO underrun
(TCER[UR]) conditions.
35.2.3
Receive UTOPIA Interface
This block performs the receive interface with the FCC via the UTOPIA bus. It implements the UTOPIA
level-2 (multi-PHY) 8-bit PMD side (slave) interface.
35.2.4
Transmit UTOPIA Interface
This block performs the transmit interface with the FCC via the UTOPIA bus. It implements the UTOPIA
level-2 (multi-PHY) 8-bit PMD side (slave) interface.
35.3
Signals
The TC layer is operated via an SI TDM port using a serial protocol. Synchronization signals are required
for some applications and must be supported. Table 35-1 describes the signals required for operating the
TC layer.
35.4
TC Layer Programming Mode
This section describes the TC layer-specific registers and other programming model features. For a
complete and concise list of TC layer registers, refer to Chapter 3, “Memory Map.”
35.4.1
TC Layer Registers
Each TC layer block is controlled by registers located in the block and accessed from the 60x bus.
Table 35-1. TC Layer Signals
Signal
Direction
Description
Txc
Input
Tx clock. Clocks Tx data out of the TC to external device.
Txd
Output
Tx data from TC to external device.
Txsyn
Input
Tx synch. Synchronizes the transmit data to the beginning of a frame.
Rxc
Input
Rx clock. Clocks the data into the TC.
Rxd
Input
Rx data. From external device to the TC.
Rxsyn
Input
Rx synch. Synchronizes the received data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com