Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1218 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1218 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1218 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
35-2
Freescale Semiconductor
35.1
Features
Primary features of the TC layer include the following:
•
Eight TDM channels routed in hardware to eight TC layer blocks
— Protocol-specific overhead bits may be discarded or routed to other controllers by the SI
— Performing ATM TC layer functions (according to ITU-T I.432)
— Transmit (Tx) updates are as follows:
– Cell HEC generation
– Payload scrambling using self synchronizing scrambler (programmable by the user)
– Coset generation (programmable by the user)
– Cell rate by inserting idle cells
— Receive (Rx) updates are as follows:
– Cell delineation using bit by bit HEC checking and programmable ALPHA and DELTA
parameters for the delineation state machine
– Payload descrambling using self synchronizing scrambler (programmable by the user)
– Coset removing (programmable by the user)
– Filtering idle/unassigned cells (programmable by the user)
– Performing HEC error detection and single bit error correction (programmable by the user)
– Generating loss of cell delineation status/interrupt (LOC / LCD)
•
Operates with FCC2 (UTOPIA 8)
•
Serial loop back mode
•
Cell echo mode
•
Supports both FCC transmit modes:
— External rate mode—Idle cells are generated by the FCC (microcode) to control data rate
— Internal rate mode (sub-rate)—FCC transfers only the data cells using the required data rate.
The TC layer generates idle/unassigned cells to maintain the line bit rate
•
Supports the TC layer and PMD (physical medium dependent) WIRE interface (according to the
ATM-Forum af-phy-0063.000)
•
Cell counters for performance monitoring:
— 16-bit counters count:
– HEC errored cells
– HEC single bit errored and corrected cells
– Idle/unassigned cells filtered
– Idle/unassigned cells transmitted
– Transmitted ATM cells
– Received ATM cells
— Maskable interrupt sent to the host when a counter expires



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com