Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1224 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1224 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1228Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1224 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
35-8
Freescale Semiconductor
35.4.1.2
Cell Delineation State Machine Registers 1–8 (CDSMR
x)
The cell delineation state machine register (CDSMRx), as shown in Figure 35-6, holds the ALPHA and
DELTA parameters of the cell delineation state machine.
9
URE
Underrun interrupt (TCER[UR]) enable. Underrun interrupt may be set when Idle cell is
generated by the TC.
0 Underrun interrupt disabled.
1 Underrun interrupt enabled.
10–11
LB
Loopback/echo modes
00 Normal operation.
01 Cell echo mode operation. Received cells are transmitted and do not go out to the UTOPIA
bus.
10 Data loopback mode operation. Transmit data stream is connected to the receive data
stream.
11 Not used.
Note that for echo mode operation, TCMODE[SM] should be cleared, independent of the FCC
multi-PHY mode configuration.
12
TBA
Tx Byte align
0 Tx data is transferred as soon as it is enabled.
1 Tx data is transferred byte aligned to the Txsyn signal.
13
IMA
IMA mode
0 Rx is not in IMA.
1 Rx is in IMA mode.
14
SM
Single mode
0 TC is not the only PHY on UTOPIA
1 TC is the only PHY on UTOPIA
15
CM
Cell counters mode
0 Reading a cell counter clears the counter.
1 Reading a cell counter does not change the counter’s value.
04
59
10
15
Field
ALPHA
DELTA
—
Reset
0000_0000_0000_0000
R/W
R/W
Figure 35-6. Cell Delineation State Machine Registers (CDSMR
x)
Table 35-2. TCMODE
x Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com