Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1223 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1223 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1227Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1223 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
35-7
35.4.1.1
TC Layer Mode Registers 1–8 (TCMODE
x)
Each TC layer block is configured using a TC layer mode register TCMODEx, as shown in Figure 35-5.
Table 35-2 describes TCMODE fields.
0
1
23
45
67
89
10
11
12
13
14
15
Field RXEN
TXEN
RPS
TPS
RC
TC
SBC
CF
URE
LB
TBA
IMA
SM
CM
Reset
0000_0000_0000_0000
R/W
R/W
Figure 35-5. TC Layer Mode Registers (TCMODE
x)
Table 35-2. TCMODE
x Field Descriptions
Bits
Name
Description
0
RXEN
TC Layer Rx enable bit. Enables the TC Layer Rx block operation:
0 TC Layer Rx operation is disabled.
1 TC Layer Rx operation is enabled.
1
TXEN
TC Layer Tx enable bit. Enables the TC Layer Tx block operation:
0 TC Layer Tx operation is disabled.
1 TC Layer Tx operation is enabled.
2
RPS
Rx Payload DeScrambling
0 Payload descrambling is performed on received payload data.
1 No payload descrambling is performed on received payload data.
3
TPS
Tx Payload Scrambling
0 Payload scrambling is performed on transmitted payload data.
1 No payload scrambling is performed on transmitted payload data.
4
RC
Rx Coset Enable
0 XOR with 0xAA is done on received HEC.
1 No XOR with 0xAA is done on received HEC.
5
TC
Tx Coset Enable
0 XOR with 0xAA is done on transmitted HEC.
1 No XOR with 0xAA is done on transmitted HEC.
6
SBC
Header Single Bit error Correction
0 Perform single bit error correction on the header according to HEC while in Synch mode.
1 Do not perform single bit error correction on the header.
7–8
CF
Rx Idle/Unassigned Cells Filtering
00 No cell filtering is done on Rx cells.
01 Idle cell filtering is done - idle cells are discarded.
10 Unassigned cell filtering is done - unassigned cells are discarded.
11 Idle and unassigned cell filtering is done - both idle and unassigned cells are discarded.
The Header of idle cell (ITU-T I.361): b00000000_00000000_00000000_00000001
The Header of unassigned cell (ITU-T I.361): b00000000_00000000_00000000_0000xxx0
Note that physical layer cells bypass the TC layer; they are not filtered. Also note that the filter
works on the header only and ignores the HEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com