Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1209 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1209 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1205Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1209 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-63
7. Indicate that this link is no longer assigned to a group: ILRCNTL[GA] = 0.
8. Inhibit reception of cells over dropped link in the IMA Root Table: RXPHYEN &= ~x (i.e., clear
the corresponding link bit in the RXPHYEN entry). Note, you must reenable (set to 1) the
corresponding bit at a later point if you wish to use this link as a non-IMA link.
9. Software should wait (poll) for the MPC8280 to be using the new group order table. This simply
ensures that it is safe to modify/re-use the dropped link parameters (i.e., the MPC8280 is no longer
using the dropped link’s data structures). Do this by making sure the group order pointer points to
the new group order table (at this point, no more cells are extracted out of the dropped link’s DCB),
e.g.,: while (dcblink != new_pointer). DCBLINK is an entry in the IGRTE.
10. Indicate that this link is no longer an IMA Link in the IMA Root Table: IMAPHY &= ~x (clear the
bit). Note, in a symmetrical operation, this step should be the last one performed (after both RX
and TX have been disabled). Setting this bit prematurely will halt transmission/reception on the
corresponding link.
34.5.4.5.2
TX Parameters
1. Formulate new group order table with the “dropped” link excluded (see Section 34.4.4.1.3,
“Transmit Group Order Table”).
2. Point to new TX Group Order Table in the corresponding IMA Group Transmit Table Entry
(IGTTE): TGRPORDER = New Table Offset.
3. Decrement the number of links in the group (IGTTE): TNUMLINKS -= 1.
4. Inhibit transmission of cells over dropped link in the IMA Root Table: TXPHYEN &= ~x (i.e.,
clear the corresponding link bit in the TXPHYEN entry). Note, you must reenable (set to 1) the
corresponding bit at a later point if you wish to use this link as a non-IMA link.
5. Indicate that this link is no longer an IMA Link in the IMA Root Table: IMAPHY &= ~x (clear the
bit). Note, in symmetrical operation, this step should be the last one performed (after both RX and
TX have been disabled). Setting this bit prematurely will halt transmission/reception on the
corresponding link.
34.5.4.6
Link Receive Deactivation Procedure
The following procedure assumes that the link was part of the IMA group during the group delay
synchronization procedure and that an IFSW (IMA Frame Synchronization Working) event has already
been received for the link.
1. Formulate new group order table with the “dropped” link excluded (see Section 34.4.4.2.4,
“Receive Group Order Tables").
2. Decrement RNUMLINKS in the group receive table
3. The “Stall Threshold” needs to be recalculated. This parameter defines the acceptable tolerance to
an emptied DCB condition (stalled link, see LS exception). The recommended new value is:
STALL_THR = 2 x RNUMLINKS x (3 + RX_FIFO). See Section 34.4.4.2, “IMA Group Receive
Table Entry”: IGRTE[STALL_THR] = x.
4. Inhibit storing of cells in DCB for “dropped” link (in IMA Root Table): REF_LINK &= ~x (i.e.,
clear the corresponding link bit in the REF_LINK entry).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com