Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1205 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1205 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1201Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1202Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1203Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1204Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1205Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1209Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1205 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-59
•
Set the corresponding PHY bit in REF_LINK.
•
Set IGRSTATE[GDSS] to 1 (one) to enable GDS.
Once group delay synchronization is achieved, a “GDS” exception is generated. At this point, ATM stream
reconstruction can take place. In order for stream reconstruction to be performed by the MPC8280, the user
must switch all links and corresponding group (both directions) to “active” mode (i.e., capable of receiving
data cells). Set RX to “active” first, to avoid having the transmitter generate a data stream when the
opposite end is not ready:
•
Set ILRCNTL[RXSC] to 1 (one) to enable reception of data cells at the link level.
•
Set IGRCNTL[RXSC] to 1 (one) to enable reception of data cells at the group level.
•
Set ILTCNTL[TXSC] to 1 (one) to enable transmission of data cells at the link level.
•
Set IGTCNTL[TXSC] to 1 (one) to enable reception of data cells at the group level.
34.5.4.3.1
As Initiator (TX)
Most of the actions required when a system initiates the establishment of a group with X links involves the
exchange of ICP cells between the Near End (Initiator) and the Far End (Responder). In any case, both
ends must start with a group of X potential links configured to “filler mode”. One and only one of the links
in the group must be designated as TRL.
•
Set ILTCNTL[TXSC] to 0 (zero)—link is in filler mode.
•
Set IGTCNTL[TXSC] to 0 (zero)—group is in filler mode.
The actions at both ends mirror each other. That is, the Near End will initiate the establishment of a group
with X links by sending ICP cells to the FE and vise versa. The normal ICP state changes, driven by the
state machine software, are (on a per-link basis):
1. Not In Group
2. Unusable
3. Usable
4. Active
Refer to section “Transmit ICP Cell Signalling” for details on how to modify and transmit an updated ICP
cell.
It is the responsibility of the GSM/LSM (Group/Link State Machine software) to initialize the IMA ID (i.e.
group ID) in the ICP cell template and link ID in the corresponding TX IMA Link Transmit Table Entry
(ILTTE):
•
Set ILTTE[ILID] = corresponding Link ID.
•
Set IMA ID accordingly in the ICP Cell Template.
As an initiator, the NE (“end” is relative) must have established a group with X links provisioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com