Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1202 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1202 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1198Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1199Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1200Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1201Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1202Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1203Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1204Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1205Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1202 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-56
Freescale Semiconductor
34.5.3.6
Transmit Group State Machine Control
•
Define the IMA group(s)
— Assign IMA ID
— Assign Link IDs and the transmit group order table
— Assign TRL
— Assign IMA frame size (M)
— Signal group parameters via ICP cells
— Define ATM pace controller (APC) parameters for this transmit group
•
Signal transmit group state via ICP cells
•
Negotiate transmit group parameters with the far end
•
Check status of links in group to make ‘Sufficient Links’ determination
•
Control group operation (via IGTCNTL[TXSC]) in coordination with group state
•
Coordinate link state transitions with group state transitions during group startup and link addition
34.5.3.7
Group Symmetry Control
All types of group symmetry (operation and configuration) are supportable. This is facilitated by the ability
to independently enable/disable links (via RXPHYEN and TXPHYEN) and to control link and group
states (via independent link and group transmit and receive parameters).
34.5.3.8
ICP End-to-End Channel Transmission
•
Can send information on end-to-end channel by updating field in Tx ICP.
•
No Rx support is provided for end-to-end channel.
34.5.3.9
Link Addition and Slow Recovery (LASR) Procedure
Coordinate addition of links for both receive and transmit, including the following:
•
Establishing their parameters
•
Checking for defects
•
On-the-fly insertion into data structures
34.5.3.10 Failure Alarms
•
React to errors signalled in received ICP cells
•
React to physical layer errors
•
Monitor persistence of errors to determine alarm condition.
•
Report receive defects within 2M cells of entering defect state
•
Signal upper-layer software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com