Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1210 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1210 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1214Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1210 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-64
Freescale Semiconductor
5. Indicate that the link should be dropped: ILRCNTL[RXSC] = 2.
6. Software should wait (poll) for the MPC8280 to remove the link from the DCB routine. The
corresponding bit in the group table’s LINK_DCB entry will be cleared by the MPC8280 (IMA)
(this means no more cells are being stored in the DCB), e.g.,: while (LINK_DCB != REF_LINK).
7. Use the new group order table by inverting the current GOTP value: IGRCNTL[GOTP] = x.
8. Set the link to filler mode ILRCNTL[RXSC] = 0
9. Initialize the DCB pointers accordingly: DCBSP=DCBFP, DCBRP=Null.
10. Initialize link DCB in external memory to zero.
34.5.4.7
Link Receive Reactivation Procedure
The following procedure assumes that the link was part of the IMA group during the group delay
synchronization procedure and that an IFSW(IMA Frame Synchronization Working) event has already
been received for the link.
1. Indicate that this is a new link (GDS/reconstruction function) by inverting the current “add_new”
bit value: ILRCNTL[ADD_NEW] = x.
2. Formulate new group order table with the new link included (see Section 34.4.4.2.4, “Receive
Group Order Tables").
3. Use the new group order table by inverting the current GOTP value: IGRCNTL[GOTP] = x.
4. Increment RNUMLINKS in the group receive table.
5. The “Stall Threshold” needs to be recalculated. This parameter defines the acceptable tolerance to
an emptied DCB condition (stalled link, see LS exception). The recommended new value is:
STALL_THR = 2 x RNUMLINKS x (3 + RX_FIFO). See Section 34.4.4.2, “IMA Group Receive
Table Entry”: IGRTE[STALL_THR] = x.
6. Start the delay compensation process for this link (in IMA Root Table) by setting the corresponding
bit in REF_LINK. See Table 34-3.
7. Software must now wait for the link delay synchronization process to complete. A LDS (Link
Delay Synchronized) exception will be generated by the MPC8280 as soon as this happens.
8. It is now safe for the link to receive data, set link to “active” mode: ILRCNTL[RXSC] = 01.
34.5.4.8
TRL On-the-Fly Change Procedure
Timing Reference Link (TRL) requests (CLAV) drive the distribution of cells to the corresponding link
transmit queues. To change the TRL, do the following:
1. Clear TRL bit for the existing TRL: ILTCNTL[TRL] = 0.
2. Set TRL bit for the new TRL: ILTCNTL[TRL] = 1.
Only one link must be selected as “TRL” in a group.
Note, when operating in IDCR mode (RX only), the timer value programmed was based on the TRL Rate
(TRLR) acquired when the group was brought up. It is necessary to restart the entire group if the RX TRL
is changed and a new TRLR (see Section 34.4.4.2, “IMA Group Receive Table Entrye Entry”) is expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com