Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1178 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1178 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1178 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-32
Freescale Semiconductor
0x07
RSCCI
Byte
Receive IMA SCCI field. Microcode-managed parameter. Holds the
SCCI value of the last ICP cell received by this group.
0x08
DCBLNK
Hword
Pointer to link entry in group order table currently in use.
Microcode-managed parameter. Initialize to value of RGRPORDER0 at
group startup.
0x0A
DCBX
Hword
Delay-compensation buffer extraction pointer. Microcode-managed
parameter. Initialize to zero at group startup.
0x0C
STALL_COUNT
Byte
Number of IDCR or On-demand requests made for which there were
no cells available in a link’s DCB. Microcode managed parameter.
Initialize to zero at group startup.
0x0D
REF_IFSN
Byte
Identifies the IFSN of the frame being processed by the
“reconstruction” routine. Microcode managed parameter.
0x0E
GFP
Hword
Pointer to the start of the current frame being processed by the
“reconstruction” routine. Microcode managed parameter. Initialize to
zero at group startup.
0x10
RGRPORDER0
Hword
Offset of receive group order table 0 in DPRAM.
0x12
RGRPORDER1
Hword
Offset of receive group order table 1 in DPRAM.
0x14
ALPHABETA
Byte
Alpha and beta parameters for IMA frame synchronization mechanism
(IFSM).
Bits 0-3: Alpha. Allowable range is 1-2; typical value is 2.
Bits 4-7: Beta. Allowable range is 1-5; typical value is 2.
0x15
GAMMA
Byte
Gamma parameter for IMA frame synchronization mechanism (IFSM).
Allowable range is 1-5; typical value is 1.
0x16
TRLR
Hword
TRL rate. Used only when IDCR-regulated cell processing is used (i.e.
IGRCTNL[IDCR]=1). Calculated by microcode during group startup,
prior to group activation. Referenced by software in order to program
the IDCRREQ and IDCRREQF of the group’s IDCR table entry. Value
is valid after IGRSTATE[IDCR_DN] is set by the microcode.
0x18
REF_LINK
Word
Bit array identifying which of the links (i.e., PHY) in this group are
enabled. Bit 0 corresponds to PHY 0, bit 30 corresponds to PHY 30.
Software must set the corresponding bits to 1 so that the delay
compensation process for the link(s) is started.
0x1C
LINK_ICP
Word
Bit array identifying which of the links in this group has received an ICP
cell. A “1” in the corresponding link’s bit position indicates that an ICP
cell has been received. Microcode-managed parameter. Initialize to
zero at group startup.
0x20
LINK_DCB
Word
Bit array identifying which of the links in this group has started storing
cells to its corresponding DCB. A “1” in the corresponding link’s bit
position indicates that cells have been stored in the DCB.
Microcode-managed parameter. Initialize to zero at group startup.
Table 34-10. IMA Group Receive Table Entry (continued)1
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com