Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1176 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1176 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1176 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-30
Freescale Semiconductor
0x0A
STATUS AND
CONTROL CHANGE
INDICATION (SCCI)
Byte
Software must increment this field in the new ICP template whenever a
new ICP template is created.
0x0B
Link Stuff Indication
Byte
Microcode-managed area. Microcode will program this field
dynamically.
0x0C
RX TEST PATTERN
Byte
Bits 7-0: Rx Test Pattern (value from 0 to 255)
0x0D
TX TEST PATTERN
Byte
Bits 7-0: Tx Test Pattern (value from 0 to 255)
0x0E
TX TEST CONTROL
Byte
Bits 7-6: Unused and set to 0
Bit 5: Test Link Command (0: inactive, l: active)
Bits 4-0: Tx LID of test link (0 to 31)
0x0F
TRANSMIT TIMING
INFORMATION
Byte
Bits 7-6: Unused and set to 0
Bit 5: Transmit Clock Mode: (0: ITC mode, 1: CTC mode)
Bits 4-0: Tx LID of the timing reference (0 to 31)
0x10
LINK 3 INFO
Byte
Status and control of link with LID = 3
0x11
LINK 2 INFO
Byte
Status and control of link with LID = 2
0x12
LINK 1 INFO
Byte
Status and control of link with LID = 1
0x13
LINK 0 INFO
Byte
Status and control of link with LID = 0
0x14
LINK 7 INFO
Byte
Status and control of link with LID = 7
0x15
LINK 6 INFO
Byte
Status and control of link with LID = 6
0x16
LINK 5 INFO
Byte
Status and control of link with LID = 5
0x17
LINK 4 INFO
Byte
Status and control of link with LID = 4
0x18
LINK 11 INFO
Byte
Status and control of link with LID = 11
0x19
LINK 10 INFO
Byte
Status and control of link with LID = 10
0x1A
LINK 9 INFO
Byte
Status and control of link with LID = 9
0x1B
LINK 8 INFO
Byte
Status and control of link with LID = 8
0x1C
LINK 15 INFO
Byte
Status and control of link with LID = 15
0x1D
LINK 14 INFO
Byte
Status and control of link with LID = 14
0x1E
LINK 13 INFO
Byte
Status and control of link with LID = 13
0x1F
LINK 12 INFO
Byte
Status and control of link with LID = 12
0x20
LINK 19 INFO
Byte
Status and control of link with LID = 19
0x21
LINK 18 INFO
Byte
Status and control of link with LID = 18
0x22
LINK 17 INFO
Byte
Status and control of link with LID = 17
0x23
LINK 16 INFO
Byte
Status and control of link with LID = 16
0x24
LINK 23 INFO
Byte
Status and control of link with LID = 23
0x25
LINK 22 INFO
Byte
Status and control of link with LID = 22
Table 34-9. ICP Cell Template (continued)1
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com