Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1173 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1173 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1173 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-27
34.4.4.1.1
IMA Group Transmit Control (IGTCNTL)
The fields of the IGTCNTL register are shown in Figure 34-14.
Table 34-6 describes the IGTCNTL bit fields.
1Ensure transmit clock mode is not changed during IMA group startup to avoid erratic behavior.
34.4.4.1.2
IMA Group Transmit State (IGTSTATE)
The fields of the IGTSTATE register are shown in Figure 34-15.
0
234567
Field
—
TXSC
ISIE
CTC
ICPC
Figure 34-14. IMA Group Transmit Control (IGTCNTL)
Table 34-6. IGTCNTL Field Descriptions
Bits
Name
Description
0–2
—
Reserved
3–4
TXSC
Transmit status/control. Sets the transmit mode of the IMA group.
00 Filler mode. The IMA group transmits only ICP and filler cells, no data cells.
01 Active mode. The IMA group is capable of sending data cells.
1X Reserved.
5
ISIE
Required for optional TRL Service Latency enhancement only.
IMA Scheduler Split Iterations Enable
0 - APC is not split, TRL completes round robin distribution of cells.
1 - APC split, both TRL and non-TRL requests distribute cells to the transmit queues.
6CTC1
Transmit clock mode for this IMA group.
0 Independent transmit clock (ITC) mode.
1 Common transmit clock (CTC) mode.
7
ICPC
ICP change flag. Maintains at least the minimum 2-frame spacing of ICP cell control/status
changes. Initialize to zero at group start-up.
Must be toggled by software whenever TICPPTR is changed.
After two subsequent IMA frames are transmitted, the IGTSTATE[ICPCA] field will be changed
to match IGTCNTL[ICPC]. When IGTCNTL[ICPC] equals IGTSTATE[ICPCA], changes to
TICPPTR are allowed.
01234567
Field
TSTF
TIMSTf
GTE
TRQS
ELX
—
ICH
ICPCA
Figure 34-15. IMA Group Transmit State (IGTSTATE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com