Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1171 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1171 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1171 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-25
34.4.3.1
IMA Control (IMACNTL)
The fields of the IMACNTL are shown in Figure 34-13.
Table 34-4 describes the IMACNTL bit fields.
34.4.4
IMA Group Tables
The IMA group tables consist of multiple IMA group structures indexed by group number, which ranges
from 0 to 7. The transmit and receive parameters are located in separate tables. The IMA group transmit
table entries are 16 bytes long. The IMA group receive table entries are 64 bytes long. However, there is
no need to reserve memory space in DPRAM for 8 receive IMA groups if less than 8 IMA groups are
required. To conserve memory space used by these tables, it is best to add groups starting from group
zero. Note also that group number is independent of the assignment of IMA ID.
34.4.4.1
IMA Group Transmit Table Entry
01234567
Field
—
IRSE
IQB
DSB
—
INTQ
Figure 34-13. IMA Control (IMACNTL)
Table 34-4. IMACNTL Field Descriptions
Bits
Name
Description
0–1
—
Reserved
2
IRSE
IMA link receive statistics enable. If link receive statistics gathering is disabled, there is no
need to initialize IRLINKSTAT or reserve space for the receive statistics table.
0
Link receive statistics gathering is disabled.
1
Link receive statistics gathering is enabled.
3
IQB
Interrupt queue bus. Defines on which bus the IMA interrupt queue is located.
0
On the 60x bus.
1
On the local bus.
4
DSB
Data structure bus. Defines on which bus the IMA external structure memory area is
located.
0
On the 60x bus.
1
On the local bus.
5
—
Reserved.
6–7
INTQ
Number of the ATM interrupt queue dedicated to IMA events. Note that these do not include
ICP cell reception events; the handling of ICP cell reception events is programmed in the
RCT of the ICP channel defined by RICPCH.
Table 34-5. IMA Group Transmit Table Entry 1
Offset
Name
Width
Description
0x00
IGTCNTL
Byte
IMA group transmit control parameters.
0x01
IGTSTATE
Byte
IMA group transmit state. Microcode-managed parameter. Must be
initialized to zero at group start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com